Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 110Page - Renesas Technology Corp HD6473637SW Datasheet HTML 111Page - Renesas Technology Corp HD6473637SW Datasheet HTML 112Page - Renesas Technology Corp HD6473637SW Datasheet HTML 113Page - Renesas Technology Corp HD6473637SW Datasheet HTML 114Page - Renesas Technology Corp HD6473637SW Datasheet HTML 115Page - Renesas Technology Corp HD6473637SW Datasheet HTML 116Page - Renesas Technology Corp HD6473637SW Datasheet HTML 117Page - Renesas Technology Corp HD6473637SW Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 418 page
background image
100
5.5
Subsleep Mode
5.5.1
Transition to Subsleep Mode
The system goes from subactive mode to subsleep mode when a SLEEP instruction is executed
while the SSBY bit in SYSCR1 is cleared to 0, LSON is set to 1, and bit TMA3 in TMA is set
to 1.
In subsleep mode, operation of on-chip peripheral modules other than timer A and timer G is
halted. As long as a minimum required voltage is applied, the contents of CPU registers and some
registers of the on-chip peripheral modules*, and the on-chip RAM contents, are retained. I/O
ports keep the same states as before the transition.
Note: * The contents of SCI3, DTMF generator registers are reset.
5.5.2
Clearing Subsleep Mode
Subsleep mode is cleared by an interrupt (timer A, timer G, IRQ
0 to IRQ4, WKP0 to WKP7) or by a
low input at the
RES pin.
Clearing by Interrupt: When an interrupt is requested, subsleep mode is cleared and interrupt
exception handling starts. Subsleep mode is not cleared if the I bit of CCR is set to 1 or the
particular interrupt is disabled in the interrupt enable register.
Clearing by
RES Input: Clearing by RES input is the same as for standby mode; see 5.3.2,
Clearing Standby Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com