Electronic Components Datasheet Search
  English  ▼

X  

HD6473637SW Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # HD6473637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6473637SW Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button HD6473637SW Datasheet HTML 112Page - Renesas Technology Corp HD6473637SW Datasheet HTML 113Page - Renesas Technology Corp HD6473637SW Datasheet HTML 114Page - Renesas Technology Corp HD6473637SW Datasheet HTML 115Page - Renesas Technology Corp HD6473637SW Datasheet HTML 116Page - Renesas Technology Corp HD6473637SW Datasheet HTML 117Page - Renesas Technology Corp HD6473637SW Datasheet HTML 118Page - Renesas Technology Corp HD6473637SW Datasheet HTML 119Page - Renesas Technology Corp HD6473637SW Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 418 page
background image
102
5.7
Active (medium-speed) Mode
5.7.1
Transition to Active (medium-speed) Mode
If the MSON bit in SYSCR2 is set to 1 while the LSON bit in SYSCR1 is cleared to 0, a transition
to active (medium-speed) mode results from IRQ
0, IRQ1, or WKP0 to WKP7 interrupts in standby
mode, timer A, IRQ
0, or WKP0 to WKP7 interrupts in watch mode, or any interrupt in sleep mode.
A transition to active (medium-speed) mode does not take place if the I bit of CCR is set to 1 or
the particular interrupt is disabled in the interrupt enable register.
5.7.2
Clearing Active (medium-speed) Mode
Active (medium-speed) mode is cleared by a SLEEP instruction or by a low input at the reset.
Clearing by SLEEP Instruction: A transition to standby mode takes place if a SLEEP
instruction is executed while the SSBY bit in SYSCR1 is set to 1, the LSON bit in SYSCR1 is
cleared to 0, and bit TMA3 in TMA is cleared to 0. The system goes to watch mode if the SSBY
bit in SYSCR1 is set to 1 and bit TMA3 in TMA is set to 1 when a SLEEP instruction is executed.
Sleep mode is entered if both SSBY and LSON are cleared to 0 when a SLEEP instruction is
executed. Direct transfer to active (high-speed) mode or to subactive mode is also possible. See
5.8, Direct Transfer, below for details.
Clearing by Reset: When the
RES pin goes low, or when a watchdog timer reset is effected, the
CPU goes into the reset state and active (medium-speed) mode is cleared.
5.7.3
Operating Frequency in Active (medium-speed) Mode
In active (medium-speed) mode, the CPU is clocked at 1/8 the frequency in active (high-speed)
mode. The DTMF generator, however, continues to operate on the OSC clock (ø
OSC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com