Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 5Page - Renesas Technology Corp SH7750 Datasheet HTML 6Page - Renesas Technology Corp SH7750 Datasheet HTML 7Page - Renesas Technology Corp SH7750 Datasheet HTML 8Page - Renesas Technology Corp SH7750 Datasheet HTML 9Page - Renesas Technology Corp SH7750 Datasheet HTML 10Page - Renesas Technology Corp SH7750 Datasheet HTML 11Page - Renesas Technology Corp SH7750 Datasheet HTML 12Page - Renesas Technology Corp SH7750 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page ix of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
1.3 Pin Arrangement
Figure 1.4 Pin
Arrangement (264-Pin
CSP)
12
Figure amended
A
B
C
D
E
F
G
H
1
VSS-CPG
XTAL
EXTAL VDD-CPG
TRST
TDO
MD6/
IOIS16
A0
VDDQ
VDDQ
A20
VDD
TCLK
VSS-RTC
XTAL2
EXTAL2
IRL2
RESET
CS4
VDD-PLL2
VSS
STATUS0 DACK0
A24
VDDQ
MD7/TXD
CA
IRL3
RDY VSS-PLL2 VSS-PLL1 VDD-PLL1 TCK
VSSQ
VSSQ
MD3/
CE2A
A22
A18
VDDQ
VDDQ
VDD-RTC MD1/TXD2 NMI
CS0
VSSQ
CKIO2ENB TDI
VDD
A1
MD5/
RAS2
A23
VSS
MD8/
RTS2
CTS2
VSSQ
IRL0
IRL1
BS
CS1
CS5
CS6
TMS
ASEBRK/
BRKACK
VDDQ
VDDQ
MD4/
CE2B VSSQ
VSSQ
SCK2/
MRESET
D48
RD/
WR2
MD2/RXD2
VSSQ
VDD
D47
VDDQ
RD2
D32
D33
STATUS1
DACK1
VSSQ
A25
A21
A19
D49
VDDQ
D63
MD0/SCK
D62
D45
VDDQ
D46
VSS
VSSQ
D34
D50
VDDQ
VDD
VSSQ
VSS
D61
VDDQ
D43
D44
D35
VSSQ
D36
D52
VDDQ
D51
VSSQ
D60
D59
VDDQ
D38
D42
D41
D37
VSSQ
VSSQ
D57
D53
D54
D58
VDDQ
D39
D0
VSSQ
D15
VDDQ
D40
D56
VSSQ
D31
D16
D55
VDDQ
D1
VSS
VSSQ
VDD
VDDQ
D14
D30
VSSQ
VSS
D18
VDDQ
D17
D2
D4
D3
VDDQ
D13
A14
A9
VDDQ
A6
A2
D29
D28
D27
VDDQ
D19
VDD
VSSQ
D5
D11
D12
A16
VDDQ
VDDQ
A7
A4
DRAK0
VSSQ
VSS
D26
D21
VDDQ
D20
VSSQ
VDDQ
VDDQ
WE4/CAS4/
DQM4
WE0/CAS0/
DQM0
VDD
A11
VSSQ
VSSQ
CS2 RD/CASS/
FRAME
VSSQ
VSSQ
D25
DREQ1
D6
BREQ/
BSACK
D10
CKE
WE5/CAS5/
DQM5
A17
VSS
A12
A8
VDDQ
VDDQ
RAS
WE3/CAS3/
DQM3/
ICIOWR
WE6/CAS6/
DQM6
WE2/CAS2/
DQM2/
ICIORD
RXD
BACK/
BSREQ
VSSQ
D8
VDDQ
VSSQ
A13
VSSQ
CKIO2
A3
VDD
RD/
WR
D24
D22
VSSQ
DREQ0
D9
D7
WE1/CAS1/
DQM1
A15
VSSQ
A10
CKIO
A5
DRAK1
CS3
VDDQ
VDDQ
WE7/CAS7/
DQM7/
REG
D23
VSSQ
2345678910
11
12
13
14
15
16
17
J
K
L
M
N
P
R
T
U
CSP264
(Top view)
Figure 1.5 Pin
Arrangement (292-Pin
BGA)
13
Newly added
1.4.1 Pin Functions
(256-Pin BGA)
Table 1.2 Pin
Functions
17, 20,
23
Table and notes amended
Memory Interface
No.
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
92
Y11
CKIO
O
Clock output
CKIO
CKIO
CKIO
93
V10
VDDQ
Power IO VDD (3.3 V)
94
U10
VSSQ
Power IO GND (0 V)
95
W11
CKIO2
O
CKIO*
1
CKIO
CKIO
CKIO
115
W16
RD/
WR
RD/
WR RD/WR RD/WR RD/WR RD/WR
O
Read/write
RD/
WR2
RD/
WR RD/WR RD/WR RD/WR RD/WR
O
RD/
WR
178
E18
Notes: ... VSSQ, VSS, VSS-RTC, VSS-PLL1/2, and VSS-CPG
are connected inside the package.
NC pins must be left completely open, and not
connected to a power supply, GND, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com