Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 26Page - Renesas Technology Corp SH7750 Datasheet HTML 27Page - Renesas Technology Corp SH7750 Datasheet HTML 28Page - Renesas Technology Corp SH7750 Datasheet HTML 29Page - Renesas Technology Corp SH7750 Datasheet HTML 30Page - Renesas Technology Corp SH7750 Datasheet HTML 31Page - Renesas Technology Corp SH7750 Datasheet HTML 32Page - Renesas Technology Corp SH7750 Datasheet HTML 33Page - Renesas Technology Corp SH7750 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxx of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
20.2.1 Access to UBC
Control Registers
854
Description amended
2. Execute instructions requiring 5 states for execution after the
memory store instruction that updated the register. As the
CPU executes two instructions in parallel and a minimum of
0.5 state is required for execution of one instruction, 11
instructions must be inserted. The updated value will be valid
from the 6th state onward.
21.1.1 Features
879
Description amended
The high-performance user debug interface (H-UDI) is a serial
input/output interface supporting a subset of the JTAG, IEEE
1149.1, IEEE Standard Test Access Port and Boundary-Scan
Architecture.
21.1.3 Pin
Configuration
Table 21.1 H-UDI Pins
881, 882 Note amended
3. Fixed to the ground or connected to the same signal line as
RESET, or to a signal line that behaves in the same way.
However, there is a problem when this pin is fixed to the
ground.
TRST is pulled up in the chip so, when this pin is fixed
to the ground via external connection, a minute current will flow.
The size of this current is determined by the rating of the pull-up
resistor
. Although this current has no effect on the chip's
operation, unnecessary current will be dissipated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com