Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 6Page - Renesas Technology Corp SH7750 Datasheet HTML 7Page - Renesas Technology Corp SH7750 Datasheet HTML 8Page - Renesas Technology Corp SH7750 Datasheet HTML 9Page - Renesas Technology Corp SH7750 Datasheet HTML 10Page - Renesas Technology Corp SH7750 Datasheet HTML 11Page - Renesas Technology Corp SH7750 Datasheet HTML 12Page - Renesas Technology Corp SH7750 Datasheet HTML 13Page - Renesas Technology Corp SH7750 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page x of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
1.4.2 Pin Functions
(208-Pin QFP)
Table 1.3 Pin
Functions
26, 27,
31
Table and notes amended
Memory Interface
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
77
CKIO
O
Clock output
CKIO
CKIO
CKIO
RD/
WR
RD/
WR RD/WR RD/WR RD/WR RD/WR
O
Read/write
95
Notes: ... VSSQ, VSS, VSS-RTC, VSS-PLL1/2, and VSS-CPG
are connected inside the package.
The
RD2, RD/WR2, CKIO2, and CKIO2ENB pins are not
provided on the QFP package.
1.4.3 Pin Functions
(264-Pin CSP)
Table 1.4 Pin
Functions
35, 38,
41
Table and notes amended
Memory Interface
No.
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
90
U9
CKIO
O
Clock output
CKIO
CKIO
CKIO
91
M9
VDDQ
Power IO VDD (3.3 V)
92
P9
VSSQ
Power IO GND (0 V)
93
T9
CKIO2
O
CKIO*
CKIO
CKIO
CKIO
RD/
WR
RD/
WR RD/WR RD/WR RD/WR RD/WR
O
Read/write
113 T12
RD/
WR2
RD/
WR RD/WR RD/WR RD/WR RD/WR
O
RD/
WR
175 E14
Notes: ... Power must be supplied to VDD-RTC and VSS-RTC
regardless of whether or not the on-chip RTC is used.
NC pins must be left completely open, and not
connected to a power supply, GND, etc.
1.4.4 Pin Functions
(292-Pin BGA)
42 to 52 Newly added
2.2.1 Privileged Mode
and Banks
Table 2.1 Initial
Register Values
55
Table amended
Type
Registers
Initial Value*
SR
MD bit = 1, RB bit = 1, BL bit = 1, FD bit = 0,
IMASK = 1111 (H'F), reserved bits = 0, others
undefined
Control registers
2.6 Processor States
Figure 2.6 Processor
State Transitions
68
Figure amended
RESET = 0,
MRESET = 1
Power-on reset state
Manual reset state
From any state when
RESET = 0 and MRESET = 1
RESET = 0 and MRESET = 0
Reset state
3.8 Usage Notes
109
Newly added
4.3.1 Configuration
• LRU (SH7750R only)
119
Description amended



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com