Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 7Page - Renesas Technology Corp SH7750 Datasheet HTML 8Page - Renesas Technology Corp SH7750 Datasheet HTML 9Page - Renesas Technology Corp SH7750 Datasheet HTML 10Page - Renesas Technology Corp SH7750 Datasheet HTML 11Page - Renesas Technology Corp SH7750 Datasheet HTML 12Page - Renesas Technology Corp SH7750 Datasheet HTML 13Page - Renesas Technology Corp SH7750 Datasheet HTML 14Page - Renesas Technology Corp SH7750 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xi of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
4.3.10 Notes on Using
Cache Enhanced Mode
(SH7750R Only)
125 to
127
Newly added
4.4.1 Configuration
• LRU (SH7750R only)
130
Description amended
• LRU (SH7750R only)
In a 2-way set-associative cache, up to 2 items of data can
be registered in the cache at each entry address. When an
entry is registered, the LRU bit indicates which of the 2 ways
it is to be registered in. The LRU bit is a single bit of each
entry, and its value is controlled by hardware.
5.3.2 Exception
Handling Vector
Addresses
151
Description amended
The reset vector address is fixed at H'A000 0000. General
exception and interrupt vector addresses are determined by
adding the offset for the specific event to the vector base
address, which is set by software in the vector base register
(VBR).
5.5.3 Exception
Requests and BL Bit
158
Description amended
When the BL bit in SR is 0, general exception and interrupts are
accepted.
When the BL bit in SR is 1 and a general exception other than a
user break is generated, the CPU's internal registers and the
registers of the other modules are set to their states following a
manual reset, and the CPU branches to the same address as in
a reset (H'A000 0000).
5.6.1 Resets
(1) Power-On Reset
159
Description amended
In the initialization processing, the VBR register is set to H'0000
0000, and in SR, the MD, RB, and BL bits are set to 1, the FD
bit is cleared to 0, and the interrupt mask bits (IMASK) are set
to B'1111.
...
SR.IMASK = B'1111;
(2) Manual Reset
160
Description amended
In the initialization processing, the VBR register is set to H'0000
0000, and in SR, the MD, RB, and BL bits are set to 1, the FD
bit is cleared to 0, and the interrupt mask bits (IMASK) are set
to B'1111.
...
SR.IMASK = B'1111;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com