Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 28Page - Renesas Technology Corp SH7750 Datasheet HTML 29Page - Renesas Technology Corp SH7750 Datasheet HTML 30Page - Renesas Technology Corp SH7750 Datasheet HTML 31Page - Renesas Technology Corp SH7750 Datasheet HTML 32Page - Renesas Technology Corp SH7750 Datasheet HTML 33Page - Renesas Technology Corp SH7750 Datasheet HTML 34Page - Renesas Technology Corp SH7750 Datasheet HTML 35Page - Renesas Technology Corp SH7750 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxxii of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
Section 22 Electrical
Characteristics
895 to
1016
Description of lead-free products added
HD6417750RBP240 (V)
HD6417750RF240 (V)
HD6417750RBG240 (V)
HD6417750RBP200 (V)
HD6417750RF200 (V)
HD6417750RBG200 (V)
HD6417750SBP200 (V)
HD6417750SF200 (V)
HD6417750BP200M (V)
HD6417750SF167 (V)
HD6417750F167 (V)
HD6417750SVF133 (V)
HD6417750SVBF133 (V)
HD6417750VF128 (V)
22.1 Absolute
Maximum Ratings
Table 22.1 Absolute
Maximum Ratings
895
Table and notes amended
Item
Symbol
Value
Unit
I/O, PLL, RTC, CPG power supply
voltage
V
DDQ
V
DD-PLL1/2
V
DD-RTC
V
DD-CPG
–0.3 to 4.2, –0.3 to 4.6*
V
Internal power supply voltage
V
DD
–0.3 to 2.5, –0.3 to 2.1*
V
Operating temperature
T
opr
–20 to 75
°C
Notes:
* HD6417750R only
22.2 DC
Characteristics
Table 22.2 DC
Characteristics
(HD6417750RBP240
(V),
HD6417750RBG240
(V))
896, 897 Title and table amended
V
OH
I
OH = –2 mA
Output
voltage
All output
pins
V
OL
I
OL = 2 mA
Item
Symbol
Test Conditions
Normal
operation
Ick = 240 MHz
Sleep mode
Current
dissipation
I
DD
Table 22.3 DC
Characteristics
(HD6417750RF240 (V))
899
Table amended
Item
Symbol
Test Conditions
V
OH
I
OH = –2 mA
Output
voltage
All output
pins
V
OL
I
OL = 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com