Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 93Page - Renesas Technology Corp SH7750 Datasheet HTML 94Page - Renesas Technology Corp SH7750 Datasheet HTML 95Page - Renesas Technology Corp SH7750 Datasheet HTML 96Page - Renesas Technology Corp SH7750 Datasheet HTML 97Page - Renesas Technology Corp SH7750 Datasheet HTML 98Page - Renesas Technology Corp SH7750 Datasheet HTML 99Page - Renesas Technology Corp SH7750 Datasheet HTML 100Page - Renesas Technology Corp SH7750 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 1162 page
background image
Section 1 Overview
Rev.7.00 Oct. 10, 2008 Page 13 of 1074
REJ09B0366-0700
XTAL2
VSS-RTC
NMI
IRL1
IRL2
MD2/RXD2
IRL0
D49
D50
D51
D52
RD/
WR2
D62
D61
D57
D56
D31
D30
D29
D28
D27
D21
DREQ1
D54
D55
D16
D17
D18
D19
D20
D25
MD0/SCK
D48
D60
D59
D58
RDY
RESET
CS0
CS1
CS5
CS6
A
B
C
D
E
F
G
H
12345678910
11
12
13
14
15
16
17
19
20
18
J
K
L
M
N
P
R
T
U
V
W
Y
RD2
D32
D33
D34
D35
D36
D47
D46
D45
D44
D43
D42
CS4
BS
D37
D53
D63
BGA292
(Top view)
MD1/TXD2
D26
WE2/CAS2/
DQM2/
ICIORD
D11
D41
D40
D15
D14
D13
D12
D4
D5
BACK/
BSREQ
BREQ/
BSACK
D38
D39
D0
D1
D2
D3
D10
D9
D7
WE4/CAS4/DQM4
VDDQ (IO)
VDD (internal)
VSS
CA
WE7/CAS7/DQM7/
REG
Note: Power must be supplied to the on-chip PLL power supply pins (VDD-PLL1, VDD-PLL2, VSS-PLL1, VSS-PLL2,
VDD-CPG, VSS-CPG, VDD-RTC, and VSS-RTC) regardless of whether or not the PLL circuits, crystal oscillation
circuit, and RTC are used.
Figure 1.5 Pin Arrangement (292-Pin BGA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com