Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 94Page - Renesas Technology Corp SH7750 Datasheet HTML 95Page - Renesas Technology Corp SH7750 Datasheet HTML 96Page - Renesas Technology Corp SH7750 Datasheet HTML 97Page - Renesas Technology Corp SH7750 Datasheet HTML 98Page - Renesas Technology Corp SH7750 Datasheet HTML 99Page - Renesas Technology Corp SH7750 Datasheet HTML 100Page - Renesas Technology Corp SH7750 Datasheet HTML 101Page - Renesas Technology Corp SH7750 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 1162 page
background image
Section 1 Overview
Rev.7.00 Oct. 10, 2008 Page 14 of 1074
REJ09B0366-0700
1.4
Pin Functions
1.4.1
Pin Functions (256-Pin BGA)
Table 1.2
Pin Functions
Memory Interface
No.
Pin
No.
Pin Name
I/O
Function
Reset
SRAM
DRAM
SDRAM PCMCIA MPX
1
B2
RDY
I
Bus ready
RDY
RDY
RDY
2
B1
RESET
I
Reset
RESET
3
C2
CS0
O
Chip select 0
CS0
CS0
4
C1
CS1
O
Chip select 1
CS1
CS1
5
D4
CS4
O
Chip select 4
CS4
CS4
6
D3
CS5
O
Chip select 5
CS5
CE1A
CS5
7
D2
CS6
O
Chip select 6
CS6
CE1B
CS6
8
D1
BS
O
Bust start
(
BS)
(
BS)
(
BS)
(
BS)
(
BS)
9
E4
VSSQ
Power
IO GND (0 V)
10
E3
RD2
O
RD/CASS/
FRAME
OE
CAS
OE
FRAME
11
F3
VDDQ
Power IO VDD (3.3 V)
12
F4
VSSQ
Power IO GND (0 V)
13
E2
D47
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
14
E1
D32
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
15
G3
VDD
Power Internal VDD
(1.8 V)
16
G4
VSS
Power
Internal GND
(0 V)
17
F2
D46
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
18
F1
D33
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
19
H3
VDDQ
Power IO VDD (3.3 V)
20
H4
VSSQ
Power
IO GND (0 V)
21
G2
D45
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
22
G1
D34
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
23
H2
D44
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
24
H1
D35
I/O
Data/port
(Port)
(Port)
(Port)
(Port)
(Port)
25
J3
VDDQ
Power IO VDD (3.3 V)
26
J4
VSSQ
Power
IO GND (0 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com