Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 8Page - Renesas Technology Corp SH7750 Datasheet HTML 9Page - Renesas Technology Corp SH7750 Datasheet HTML 10Page - Renesas Technology Corp SH7750 Datasheet HTML 11Page - Renesas Technology Corp SH7750 Datasheet HTML 12Page - Renesas Technology Corp SH7750 Datasheet HTML 13Page - Renesas Technology Corp SH7750 Datasheet HTML 14Page - Renesas Technology Corp SH7750 Datasheet HTML 15Page - Renesas Technology Corp SH7750 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xii of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
5.6.1 Resets
(3) H-UDI Reset
161
Description amended
In the initialization processing, the VBR register is set to H'0000
0000, and in SR, the MD, RB, and BL bits are set to 1, the FD
bit is cleared to 0, and the interrupt mask bits (IMASK) are set
to B'1111.
...
SR.IMASK = B'1111;
(4) Instruction TLB
Multiple-Hit Exception
162
Description amended
In the initialization processing, the VBR register is set to H'0000
0000, and in SR, the MD, RB, and BL bits are set to 1, the FD
bit is cleared to 0, and the interrupt mask bits (IMASK) are set
to B'1111.
...
SR.IMASK = B'1111;
(5) Operand TLB
Multiple-Hit Exception
163
Description amended
In the initialization processing, the VBR register is set to H'0000
0000, and in SR, the MD, RB, and BL bits are set to 1, the FD
bit is cleared to 0, and the interrupt mask bits (IMASK) are set
to B'1111.
...
SR.IMASK = B'1111;
5.6.2 General
Exceptions
(11) General FPU
Disable Exception
174
Note amended
Note: * FPU instructions are instructions in which the first 4 bits
of the instruction code are H'F (but excluding undefined
instruction H'FFFD), and the LDS, STS, LDS.L, and
STS.L instructions corresponding to FPUL and FPSCR.
5.6.3 Interrupts
(3) Peripheral Module
Interrupts
180
Description amended
INTEVT = H'00000400 ~ H'00000B80;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com