Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 20Page - Renesas Technology Corp SH7750 Datasheet HTML 21Page - Renesas Technology Corp SH7750 Datasheet HTML 22Page - Renesas Technology Corp SH7750 Datasheet HTML 23Page - Renesas Technology Corp SH7750 Datasheet HTML 24Page - Renesas Technology Corp SH7750 Datasheet HTML 25Page - Renesas Technology Corp SH7750 Datasheet HTML 26Page - Renesas Technology Corp SH7750 Datasheet HTML 27Page - Renesas Technology Corp SH7750 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxiv of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
14.3.2 DMA Transfer
Requests
569
Description amended
The DS bit in CHCR0/CHCR1 is used to select either falling
edge detection or low level detection for the
DREQ signal (level
detection when DS = 0, edge detection when DS = 1).
DREQ is accepted after a power-on reset if TE = 0, NMIF = 0,
and AE = 0, but transfer is not executed if DMA transfer is not
enabled (DE = 0 or DME = 0).
14.3.4 Types of DMA
Transfer
Table 14.7
Relationship between
DMA Transfer Type,
Request Mode, and Bus
Mode
582
Notes amended
Notes: 2. Auto-request, or on-chip peripheral module request
possible. If the transfer request source is the SCI
(SCIF), either the transfer source must be SCRDR1
(SCFRDR2) or the transfer destination must be
SCTDR1 (SCFTDR2).
Table 14.8 External
Request Transfer
Sources and
Destinations in Normal
DMA Mode
583
Title ameded
14.3.5 Number of Bus
Cycle States and
DREQ
Pin Sampling Timing
585
Description added
DREQ Pin Sampling Timing: In external request mode, the
DREQ pin is sampled at the rising edge of CKIO clock pulses.
When
DREQ input is detected, a DMAC bus cycle is generated
and DMA transfer executed after four CKIO cycles at the
earliest.
When falling edge detection is selected for
DREQ, the DMAC
will recognize
DREQ two cycles (CKIO) later because the
signal must pass through the asynchronous input
synchronization circuit. (There is a 1-cycle (CKIO) delay when
low-level detection is selected.)
The second and subsequent
DREQ sampling operations are
performed one cycle after the start of the first DMAC transfer
bus cycle (in the case of single address mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com