Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 25Page - Renesas Technology Corp SH7750 Datasheet HTML 26Page - Renesas Technology Corp SH7750 Datasheet HTML 27Page - Renesas Technology Corp SH7750 Datasheet HTML 28Page - Renesas Technology Corp SH7750 Datasheet HTML 29Page - Renesas Technology Corp SH7750 Datasheet HTML 30Page - Renesas Technology Corp SH7750 Datasheet HTML 31Page - Renesas Technology Corp SH7750 Datasheet HTML 32Page - Renesas Technology Corp SH7750 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxix of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
19.4.1 Interrupt
Operation Sequence
843
Description and notes amended
3. The priority level of the interrupt selected by the interrupt
controller is compared with the interrupt mask bits (IMASK) in
the status register (SR) of the CPU. If the request priority
level is higher that the level in bits IMASK, the interrupt
controller accepts the interrupt and sends an interrupt
request signal to the CPU.
...
Notes: 1. The interrupt mask bits (IMASK) in the status register
(SR) are not changed by acceptance of an interrupt in
this LSI.
2. The interrupt source flag should be cleared in the
interrupt handler. To ensure that an interrupt request
that should have been cleared is not inadvertently
accepted again, read the interrupt source flag after it
has been cleared, then wait for the interval shown in
table 19.9 (Time for priority decision and SR mask bit
comparison) before clearing the BL bit or executing
an RTE instruction.
Figure 19.3 Interrupt
Operation Flowchart
844
Figure amended
No
No
Yes
Yes
No
Yes
No
No
Yes
No
Yes
Save SR to SSR;
save PC to SPC
Set interrupt source
in INTEVT
Set BL, MD, RB bits
in SR to 1
Branch to exception
handler
Level 14
interrupt?
Level 1
interrupt?
IMASK =
level 13 or
lower?
IMASK =
level 0?
Yes
Level 15
interrupt?
IMASK* =
level 14 or
lower?
Note: * IMASK: Interrupt mask bits in status register (SR)
19.6 Usage Notes
847 to
849
Newly added



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com