Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 19Page - Renesas Technology Corp SH7750 Datasheet HTML 20Page - Renesas Technology Corp SH7750 Datasheet HTML 21Page - Renesas Technology Corp SH7750 Datasheet HTML 22Page - Renesas Technology Corp SH7750 Datasheet HTML 23Page - Renesas Technology Corp SH7750 Datasheet HTML 24Page - Renesas Technology Corp SH7750 Datasheet HTML 25Page - Renesas Technology Corp SH7750 Datasheet HTML 26Page - Renesas Technology Corp SH7750 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xxiii of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
13.3.8 MPX Interface
Figure 13.68 MPX
Interface Timing 11
(Burst Write Cycle, AnW
= 0, No External Wait,
Bus Width: 32 Bits,
Transfer Data Size: 64
Bits)
523
Title amended
Figure 13.69 MPX
Interface Timing 12
(Burst Write Cycle, AnW
= 1, One External Wait
Inserted, Bus Width: 32
Bits, Transfer Data Size:
64 Bits)
524
Title amended
13.3.16 Notes on
Usage
Synchronous DRAM
Mode Register Setting
(SH7750, SH7750S
Only):
543
Notes amended
3. If synchronous DRAM mode register setting is performed
immediately following write access to the on-chip peripheral
modules*
2, the values written to the on-chip peripheral modules
cannot be guaranteed. Note that following power-on,
synchronous DRAM mode register settings should be
performed before accessing synchronous DRAM. After making
mode register settings, do not change them.
BSREQ Output in
Partial-Sharing Master
Mode
543, 544 Newly added
14.2.1 DMA Source
Address Registers 0–3
(SAR0–SAR3)
552
Description deleted
When transfer is performed from memory to an external device
with DACK in DDT mode, DTR format [31:0] is set in SAR0
[31:0]. For details, see Data Transfer Request Format in section
14.5.2, Pin in DDT Mode.
14.2.4 DMA Channel
Control Registers 0
−3
(CHCR0
−CHCR3)
Bits 13 and 12
⎯Source
Address Mode 1 and 0
(SM1, SM0):
560
Description amended
These bits specify incrementing/decrementing of the DMA
transfer source address. The specification of these bits is
ignored when data is transferred from an external device to
external memory in single address mode. For channel 0, in
DDT mode these bits are set to SM1 = 0 and SM0 = 1 with the
DTR format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com