Electronic Components Datasheet Search
  English  ▼

X  

SH7750 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # SH7750
Description  32-Bit RISC Microcomputer
PDF  1162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7750 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button SH7750 Datasheet HTML 14Page - Renesas Technology Corp SH7750 Datasheet HTML 15Page - Renesas Technology Corp SH7750 Datasheet HTML 16Page - Renesas Technology Corp SH7750 Datasheet HTML 17Page - Renesas Technology Corp SH7750 Datasheet HTML 18Page - Renesas Technology Corp SH7750 Datasheet HTML 19Page - Renesas Technology Corp SH7750 Datasheet HTML 20Page - Renesas Technology Corp SH7750 Datasheet HTML 21Page - Renesas Technology Corp SH7750 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1162 page
background image
Rev.7.00 Oct. 10, 2008 Page xviii of lxxxiv
REJ09B0366-0700
Item
Page
Revision (See Manual for Details)
13.2.8 Memory Control
Register (MCR)
Bit 31—RAS Down
(RASD):
402
Description and table amended
Do not set RAS down mode in slave mode or partial-sharing
mode, or when areas 2 and 3 are both designated as
synchronous DRAM interface. See Connecting a 128-Mbit/256-
Mbit Synchronous DRAM with 64-bit Bus Width (SH7750R
Only): in section 13.3.5, Synchronous DRAM Interface.
Bit 31: RASD
Description
0
(Initial value)
Auto-precharge mode
Bits 29 to 27—RAS
Precharge Time at End
of Refresh (TRC2–
TRC0)
402
Note added
Note: For setting values and the period during which no
command is issued, see 22.3.3, Bus Timing.
Bits 21 to 19—RAS
Precharge Period
(TPC2–TPC0):
403
Description amended and note added
When the DRAM interface is selected, these bits specify the
minimum number of cycles until
RAS is asserted again after
being negated. When the synchronous DRAM interface is
selected, these bits specify the minimum number of cycles until
the next bank active command
after precharging.
Note: For setting values and the period during which no
command is issued, see 22.3.3, Bus Timing.
Bits 15 to 13—Write
Precharge Delay
(TRWL2–TRWL0):
404
Description amended and note added
After a write cycle, the next active command is not issued for a
period equivalent to the
setting values of the TPC[2:0] and
TRWL[2:0] bits.* ...
Note: * For setting values and the period during which no
command is issued, see 22.3.3, Bus Timing.
Bits 12 to 10—CAS-
Before-RAS Refresh
RAS Assertion Period
(TRAS2–TRAS0):
405
Description amended and note added
When the DRAM interface is set, these bits set the
RAS
assertion period in CAS-before-RAS refreshing. When the
synchronous DRAM interface is set, the bank active command
is not issued for the period set by the TRC[2:0]* and TRAS[2:0]
bits after an auto-refresh command is issued.
Note: For setting values and the period during which no
command is issued, see 22.3.3, Bus Timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com