Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 364Page - Renesas Technology Corp 32186 Datasheet HTML 365Page - Renesas Technology Corp 32186 Datasheet HTML 366Page - Renesas Technology Corp 32186 Datasheet HTML 367Page - Renesas Technology Corp 32186 Datasheet HTML 368Page - Renesas Technology Corp 32186 Datasheet HTML 369Page - Renesas Technology Corp 32186 Datasheet HTML 370Page - Renesas Technology Corp 32186 Datasheet HTML 371Page - Renesas Technology Corp 32186 Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-72
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.3.6 TOP Reload Registers (TOP0RL–TOP10RL)
TOP0 Reload Register (TOP0RL)
<Address: H’0080 0242>
TOP1 Reload Register (TOP1RL)
<Address: H’0080 0252>
TOP2 Reload Register (TOP2RL)
<Address: H’0080 0262>
TOP3 Reload Register (TOP3RL)
<Address: H’0080 0272>
TOP4 Reload Register (TOP4RL)
<Address: H’0080 0282>
TOP5 Reload Register (TOP5RL)
<Address: H’0080 0292>
TOP6 Reload Register (TOP6RL)
<Address: H’0080 02A2>
TOP7 Reload Register (TOP7RL)
<Address: H’0080 02B2>
TOP8 Reload Register (TOP8RL)
<Address: H’0080 02C2>
TOP9 Reload Register (TOP9RL)
<Address: H’0080 02D2>
TOP10 Reload Register (TOP10RL)
<Address: H’0080 02E2>
<Upon exiting reset: Undefined>
b
Bit Name
Function
R
W
0–15
TOP0RL–TOP10RL
16-bit reload register value
R
W
Note: • This register must always be accessed in halfwords.
The TOP reload registers are used to load data into the TOP counters (TOP0CT–TOP10CT). The content of "
the reload register -1" is loaded into the counter synchronously with the count clock at the following timing:
• At the next cycle when the counter is enabled in single-shot output mode
• At the next cycle when the counter underflowed in delayed single-shot or continuous output mode
Simply because data is written to the reload register does not mean that the data is loaded into the counter. The
counter is loaded with data in only the above cases.
Note that reloading of data after an underflow is performed synchronously with a clock pulse at which the
counter underflowed.
b0
12
34
56
78
9
10
11
12
13
14
b15
TOP0RL–TOP10RL
??
??
??
??
??
?
??
??
?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com