Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 372 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 372 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 368Page - Renesas Technology Corp 32186 Datasheet HTML 369Page - Renesas Technology Corp 32186 Datasheet HTML 370Page - Renesas Technology Corp 32186 Datasheet HTML 371Page - Renesas Technology Corp 32186 Datasheet HTML 372Page - Renesas Technology Corp 32186 Datasheet HTML 373Page - Renesas Technology Corp 32186 Datasheet HTML 374Page - Renesas Technology Corp 32186 Datasheet HTML 375Page - Renesas Technology Corp 32186 Datasheet HTML 376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-76
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.3.9 Operation in TOP Single-shot Output Mode (with Correction Function)
(1) Outline of TOP single-shot output mode
In single-shot output mode, the timer generates a pulse in width of "reload register set value+1" only once
and then stops.
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the
reload register, at the next cycle the counter is loaded with the content of " the reload register -1" and starts
counting synchronously with the count clock. The counter counts down and stops when it underflows after
reaching the minimum count.
The F/F output waveform in single-shot output mode is inverted (F/F output levels change from "L" to "H" or
vice versa) at startup and upon underflow, generating a single-shot pulse waveform in width of "reload
register set value + 1" only once. An interrupt request can be generated when the counter underflows. The
count value is "reload register set value + 1."
For example, if the initial reload register value is 7, then the count value is 8.
Figure 10.3.7 Example of Counting in TOP Single-shot Output Mode
123
456
78
6
5
4
3
H'FFFF
7
2
1
0
(Note 3)
Enable
Reload
register
Counter
Interrupt request
Underflow
Count value = 8
Note 1: What actually is seen in the cycle immediately during enable is the previous counter value, and not 7.
Note 2: A count clock dependent delay is included before F/F output changes state after the timer is enabled.
Note 3: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
F/F output
Count clock
(Note 2)
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com