Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 375 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 375 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 371Page - Renesas Technology Corp 32186 Datasheet HTML 372Page - Renesas Technology Corp 32186 Datasheet HTML 373Page - Renesas Technology Corp 32186 Datasheet HTML 374Page - Renesas Technology Corp 32186 Datasheet HTML 375Page - Renesas Technology Corp 32186 Datasheet HTML 376Page - Renesas Technology Corp 32186 Datasheet HTML 377Page - Renesas Technology Corp 32186 Datasheet HTML 378Page - Renesas Technology Corp 32186 Datasheet HTML 379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-79
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.3.10 Typical Operation in TOP Single-shot Output Mode When Count is Corrected
H'(8000 - 1)
H'FFFF
H'0000
H'8000
H'5000
H'5000 + H'4000
H'8000
H'FFFF
H'4000
Undefined
F/F output
TOP interrupt request
due to underflow
Count clock
Correction register
Enabled
(by writing to the enable bit
or by external input)
Enable bit
Reload register
Write to the
correction register
Undefined
value
Disabled
(by underflow)
Counter
(Note 1)
Note 1: What actually is seen in the cycle immediately after enable is the previous counter value, and not 7.
Note 2: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
(Note 2)
Data inverted
by enable
Data inverted
by underflow
In the example below, the reload register is initially set to H’8000. When the timer starts, the value that " the
reload register -1" is loaded into the counter, letting it start counting down. In the diagram below, the value
H’4000 is written to the correction register when the counter has counted down to H’5000. As a result of this
correction, the count has been increased to H’9000, so that the counter counts a total of (H’8000 + 1 +
H’4000 + 1) before it stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com