Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 373 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 373 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 369Page - Renesas Technology Corp 32186 Datasheet HTML 370Page - Renesas Technology Corp 32186 Datasheet HTML 371Page - Renesas Technology Corp 32186 Datasheet HTML 372Page - Renesas Technology Corp 32186 Datasheet HTML 373Page - Renesas Technology Corp 32186 Datasheet HTML 374Page - Renesas Technology Corp 32186 Datasheet HTML 375Page - Renesas Technology Corp 32186 Datasheet HTML 376Page - Renesas Technology Corp 32186 Datasheet HTML 377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-77
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
In the example below, the reload register is initially set to H’A000. (The initial counter value can be undefined,
and does not have to be specific.) When the timer starts, the value that " the reload register -1" is loaded into
the counter, letting it start counting. Thereafter, it continues counting down until it underflows after reaching the
minimum count.
H'FFFF
H'0000
H'A000
H'FFFF
H'(A000-1)
Count clock
Correction register
Enabled
(by writing to the enable bit
or by external input)
F/F output
Disabled
(by underflow)
(Unused)
TOP interrupt request
due to underflow
Enable bit
Starts counting down from
the reload register set value
Reload register
Data inverted
by enable
Counter
Data inverted
by underflow
Indeterminate
value
(Note 1)
(Note 2)
Note 1: A count clock dependent delay is included before F/F output changes state after the timer is enabled.
Note 2: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
Figure 10.3.8 Typical Operation in TOP Single-shot Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com