Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 370Page - Renesas Technology Corp 32186 Datasheet HTML 371Page - Renesas Technology Corp 32186 Datasheet HTML 372Page - Renesas Technology Corp 32186 Datasheet HTML 373Page - Renesas Technology Corp 32186 Datasheet HTML 374Page - Renesas Technology Corp 32186 Datasheet HTML 375Page - Renesas Technology Corp 32186 Datasheet HTML 376Page - Renesas Technology Corp 32186 Datasheet HTML 377Page - Renesas Technology Corp 32186 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-78
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(2) Correction function of TOP single-shot output mode
To change the counter value while in progress, write to the TOP correction register a value by which the
counter value is to be increased or reduced from its initial set value. To add, write the value to be added to
the correction register directly as is. To subtract, write the 2’s complement of the value to be subtracted to
the correction register.
The counter is corrected synchronously with a count clock pulse next to one at which the correction value was
written to the TOP correction register. If the counter is corrected this way, note that because one down count in
that clock period is canceled, the counter value actually is corrected by "correction register value + 1."
For example, if the initial counter value is 7 and the value 3 is written to the correction register when the
counter has down counted to 3, then the counter counts a total of 12 before it underflows.
Figure 10.3.9 Example of Counting in TOP Single-shot Output Mode When Count is Corrected
When writing to the correction register, be careful not to cause the counter to overflow. Even if the counter
overflows due to correction of counts, no interrupt requests are generated for reasons of an overflow.
1
234
567
89
10
11
12
6
5
4
3
2
1
0
6
5
4
3
7
3
H'FFFF
Correction
register
Underflow
Count value = (7 + 1) + (3 + 1) = 12
Count clock
dependent delay
Enable
Reload
register
Counter
Interrupt request
Count clock
(Note 1)
Note 1: What actually is seen in the cycle immediately after enable is the previous counter value, and not 7.
Note 2: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
Indeterminate
value
(Note 2)
+ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com