Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 374Page - Renesas Technology Corp 32186 Datasheet HTML 375Page - Renesas Technology Corp 32186 Datasheet HTML 376Page - Renesas Technology Corp 32186 Datasheet HTML 377Page - Renesas Technology Corp 32186 Datasheet HTML 378Page - Renesas Technology Corp 32186 Datasheet HTML 379Page - Renesas Technology Corp 32186 Datasheet HTML 380Page - Renesas Technology Corp 32186 Datasheet HTML 381Page - Renesas Technology Corp 32186 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-82
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
10.3.10 Operation in TOP Delayed Single-shot Output Mode (with Correction Function)
(1) Outline of TOP delayed single-shot output mode
In delayed single-shot output mode, the timer generates a pulse in width of "reload register set value + 1"
after a finite time equal to "counter set value + 1" only once and then stops.
When the timer is enabled (by writing to the enable bit in software or by external input) after setting the
counter and reload register, it starts counting down from the counter’s set value synchronously with the
count clock. At the cycle after the first time the counter underflows, it is loaded with the value that " the
reload register -1" and continues counting down. The counter stops when it underflows next time.
The F/F output waveform in delayed single-shot output mode is inverted (F/F output level changes from "L" to "H"
or vice versa) when the counter underflows first time and next, generating a single-shot pulse waveform in width
of "reload register set value + 1" after a finite time equal to "first set value of counter + 1" only once.
An interrupt request can be generated when the counter underflows first time and next.
The "counter set value + 1" and "reload register set value + 1" are effective as count values.
For example, if the initial counter value is 4 and the initial reload register value is 5, then the timer operates
as shown below.
Figure 10.3.12 Example of Counting in TOP Delayed Single-shot Output Mode
123
45
678
9
10
11
4
3
2
1
5
0
3
2
1
0
4
H'FFFF
H'FFFF
F/F output
(Note 1)
Count clock
dependent delay
Enable
Reload
register
Counter
Interrupt request
Count clock
Underflow
Underflow
Count value = (4 + 1) + (5 + 1) = 11
(Note 2)
Note 1: What actually is seen in the cycle immediately during underflow is H'FFFF(underflow value), and not 5.
Note 2: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com