Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 382 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 382 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 378Page - Renesas Technology Corp 32186 Datasheet HTML 379Page - Renesas Technology Corp 32186 Datasheet HTML 380Page - Renesas Technology Corp 32186 Datasheet HTML 381Page - Renesas Technology Corp 32186 Datasheet HTML 382Page - Renesas Technology Corp 32186 Datasheet HTML 383Page - Renesas Technology Corp 32186 Datasheet HTML 384Page - Renesas Technology Corp 32186 Datasheet HTML 385Page - Renesas Technology Corp 32186 Datasheet HTML 386Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 382 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-86
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
(3) Precautions about using TOP delayed single-shot output mode
The following describes precautions to be observed when using TOP delayed single-shot output mode.
• If the counter stops due to an underflow in the same clock period as the timer is enabled by external input,
the former has priority so that the counter stops.
• If the counter stops due to an underflow in the same clock period as count is enabled by writing to the
enable bit, the latter has priority so that count is enabled.
• If the timer is enabled by external input in the same clock period as count is disabled by writing to the
enable bit, the latter has priority so that count is disabled.
• Even if the counter overflows due to correction of counts, no interrupt requests are generated for reasons
of an overflow. Therefore, if the counter underflows in the subsequent down-count after an overflow, a
false interrupt request is generated for an underflow that includes the overflowed count.
• If the counter is accessed for read at the cycle of underflow, the counter value is read as H’FFFF but
changes to " reload register value -1" at the next count clock timing after underflow.
Figure 10.3.16 Counter Value Immediately after Underflow
Count clock
Enable bit
"H"
H'0001
H'0000
H'FFFF
H'AAA9
H'AAA8
Counter value
H'AAAA
Reload register
underflow
H'(AAAA-1)
H'(AAAA-2)
What is seen during underflow cycle is always H'FFFF,
and not the reload register value (in this case, H'AAAA).
Count down from the
reload register value
Reload cycle
The value that "reload register - 1" is reloaded
by count clock next underflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com