Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 377Page - Renesas Technology Corp 32186 Datasheet HTML 378Page - Renesas Technology Corp 32186 Datasheet HTML 379Page - Renesas Technology Corp 32186 Datasheet HTML 380Page - Renesas Technology Corp 32186 Datasheet HTML 381Page - Renesas Technology Corp 32186 Datasheet HTML 382Page - Renesas Technology Corp 32186 Datasheet HTML 383Page - Renesas Technology Corp 32186 Datasheet HTML 384Page - Renesas Technology Corp 32186 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1032 page
background image
10.3 TOP (Output-Related 16-Bit Timer)
MULTIJUNCTION TIMERS
10
10-85
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
Figure 10.3.15 Typical Operation in TOP Delayed Single-shot Output Mode when Count is Corrected
H'FFFF
H'0000
H'9000+H'0008
H'F000
H'A000
H'F000
H'(F000+0008+1)
H'0008
Write to the
correction register
H'9000
Data inverted
by underflow
Data inverted
by underflow
Correction register
F/F output
TOP interrupt request
due to underflow
Enable bit
Note 1: The value that "reload register - 1" is reloaded.
Note: • This diagram does not show detailed timing information.
Reload register
Counter
Count clock
Underflow
(first time)
Underflow
(second time)
Enabled
(by writing to the enable bit
or by external input)
Undefined
(Note 1)
In the example below, the counter and the reload register are initially set to H’A000 and H’F000, respec-
tively. When the timer is enabled, the counter starts counting down and at the cycle after the first underflow,
the counter is loaded with the content of " the reload register -1" and continues counting down. In the
diagram below, the value H’0008 is written to the correction register when the counter has counted down to
H’9000. As a result of this correction, the counter has its count value increased to H’9008 and counts
(H’F000 + 1 + H’0008 + 1) after the first underflow before it stops.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com