Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 118 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 118 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 114Page - Renesas Technology Corp 32186 Datasheet HTML 115Page - Renesas Technology Corp 32186 Datasheet HTML 116Page - Renesas Technology Corp 32186 Datasheet HTML 117Page - Renesas Technology Corp 32186 Datasheet HTML 118Page - Renesas Technology Corp 32186 Datasheet HTML 119Page - Renesas Technology Corp 32186 Datasheet HTML 120Page - Renesas Technology Corp 32186 Datasheet HTML 121Page - Renesas Technology Corp 32186 Datasheet HTML 122Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 1032 page
background image
4
EIT
4-16
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
4.9 Interrupt Processing
16-bit instruction
Order in which instructions are executed
32-bit instruction
Address 1000
Address 1002
Address 1004
Address 1008
Interrupt may
be accepted
×
Interrupt cannot
be accepted
16-bit instruction
Interrupt may
be accepted
Interrupt may
be accepted
Figure 4.9.1 Timing at Which System Break Interrupt (SBI) is Accepted
[EIT Processing]
(1) Saving SM, IE and C bits
The PSW register’s SM, IE and C bits are saved to the respective backup bits: BSM, BIE and BC.
BSM
←
SM
BIE
←
IE
BC
←
C
(2) Updating SM, IE and C bits
The PSW register’s SM, IE and C bits are updated as shown below.
SM
←
0
IE
←
0
C
←
0
(3) Saving the PC
The address of the next instruction (always on word boundary) following one in which the interrupt
was detected is stored in the BPC register. If the interrupt was detected in a branch instruction, then
the next instruction is one that exists at the jump address.
(4) Branching to the EIT vector entry
The CPU branches to the address H’0000 0010 in the user space. This is the last operation performed
in hardware preprocessing.
(5) Jumping from the EIT vector entry to the user-created handler
The CPU executes the BRA instruction written by the user at the address H’0000 0010 of the EIT
vector entry to jump to the start address of the user-created handler.
The system break interrupt can only be used when the system has some fatal event already existing
in it when the interrupt is detected. Also, this interrupt must be used on condition that after processing
by the SBI handler, control will not return to the program that was being executed when the system
break interrupt occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com