Electronic Components Datasheet Search
  English  ▼

X  

32186 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 32186
Description  MCU
PDF  1032 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32186 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 32186 Datasheet HTML 110Page - Renesas Technology Corp 32186 Datasheet HTML 111Page - Renesas Technology Corp 32186 Datasheet HTML 112Page - Renesas Technology Corp 32186 Datasheet HTML 113Page - Renesas Technology Corp 32186 Datasheet HTML 114Page - Renesas Technology Corp 32186 Datasheet HTML 115Page - Renesas Technology Corp 32186 Datasheet HTML 116Page - Renesas Technology Corp 32186 Datasheet HTML 117Page - Renesas Technology Corp 32186 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 1032 page
background image
4
EIT
4-12
32185/32186 Group Hardware Manual
Rev.1.10 REJ09B0235-0110 May 15, 07
4.8 Exception Processing
(4) Branching to the EIT vector entry
The CPU branches to the address H’0000 0020 in the user space. This is the last operation performed
in hardware preprocessing.
(5) Jumping from the EIT vector entry to the user-created handler
The CPU executes the BRA instruction written by the user at the address H’0000 0020 of the EIT
vector entry to jump to the start address of the user-created handler. At the beginning of the user-
created EIT handler, first save the BPC and PSW registers and the necessary general-purpose regis-
ters to the stack. Also, save the accumulator and FPSR register as necessary.
(6) Returning from the EIT handler
At the end of the EIT handler, restore the saved registers from the stack and execute the RTE instruc-
tion. When the RTE instruction is executed, hardware postprocessing is automatically performed. At
this time, the CPU restarts from a word-boundary instruction including the instruction that generated a
RIE (see Figure 4.8.1). Except when using reserved instruction exceptions intentionally, occurrence
of a reserved instruction exception suggests that the system has some fatal fault already existing in it.
In such a case, therefore, do not return from the reserved instruction exception handler to the pro-
gram that was being executed when the exception occurred.
4.8.2 Address Exception (AE)
[Occurrence Conditions]
Address Exception (AE) occurs when an attempt is made to access a misaligned address in Load or
Store instructions. The following lists the combination of instructions and accessed addresses that
may cause address exceptions to occur.
• Two low-order address bits accessed in the LDH, LDUH or STH instruction are "01" or "11"
• Two low-order address bits accessed in the LD, ST, LOCK or UNLOCK instruction are "01," "10" or "11"
When an address exception occurs, memory access by the instruction that generated the exception is
not performed. If an external interrupt is requested at the same time an address exception is detected,
it is the address exception that is accepted.
[EIT Processing]
(1) Saving SM, IE and C bits
The PSW register’s SM, IE and C bits are saved to the respective backup bits: BSM, BIE and BC.
BSM
←
SM
BIE
←
IE
BC
←
C
(2) Updating SM, IE and C bits
The PSW register’s SM, IE and C bits are updated as shown below.
SM
←
Unchanged
IE
←
0
C
←
0
(3) Saving the PC
The PC value of the instruction that generated the address exception is set in the BPC register. For
example, if the instruction that generated the address exception is at address 4, the value 4 is set in
the BPC register. Similarly, if the instruction that generated the address exception is at address 6, the
value 6 is set in the BPC register. In this case, the value of the BPC register bit 30 indicates whether
the instruction that generated the reserved instruction exception resides on a word boundary (BPC
register bit 30 = "0") or not on a word boundary (BPC register bit 30 = "1").
However, in either case of the above, the address to which the RTE instruction returns after the EIT
handler has terminated is address 4. (This is because the 2 low-order address bits are cleared to ‘00’
when returned to the PC.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com