Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 207Page - Renesas Technology Corp 7721 Datasheet HTML 208Page - Renesas Technology Corp 7721 Datasheet HTML 209Page - Renesas Technology Corp 7721 Datasheet HTML 210Page - Renesas Technology Corp 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–8
(1)
Transmit enable bit (bit 0)
By setting this bit to “1,” UARTi enters the transmission enable state. By clearing this bit to “0” during
transmission, UARTi enters the transmission disable state after the transmission which is in progress
at that time is completed.
(2)
Transmit buffer empty flag (bit 1)
This flag is set to “1” when data set in the UARTi transmit buffer register is transferred from the
UARTi transmit buffer register to the UARTi transmit register. This flag is cleared to “0” when data
is set in the UARTi transmit buffer register.
(3)
Receive enable bit (bit 2)
By setting this bit to “1,” UARTi enters the reception enable state. By clearing this bit to “0” during
reception, UARTi quits the reception immediately and enters the reception disable state.
(4)
Receive complete flag (bit 3)
This flag is set to “1” when data is ready in the UARTi receive register and that is transferred to the
UARTi receive buffer register (i.e., when reception is completed). This flag is cleared to “0” when one
of the following is performed:
•Reading the low-order byte of the UARTi receive buffer register out
•Clearing the receive enable bit (bit 2) to “0”
•Clearing the serial I/O mode select bits (bits 2 to 0 at addresses 3016, 3816) to “0002.”
11.2 Block description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com