Electronic Components Datasheet Search
  English  ▼

X  

7721 Datasheet(PDF) 212 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 212 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 208Page - Renesas Technology Corp 7721 Datasheet HTML 209Page - Renesas Technology Corp 7721 Datasheet HTML 210Page - Renesas Technology Corp 7721 Datasheet HTML 211Page - Renesas Technology Corp 7721 Datasheet HTML 212Page - Renesas Technology Corp 7721 Datasheet HTML 213Page - Renesas Technology Corp 7721 Datasheet HTML 214Page - Renesas Technology Corp 7721 Datasheet HTML 215Page - Renesas Technology Corp 7721 Datasheet HTML 216Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 577 page
background image
SERIAL I/O
7721 Group User’s Manual
11–9
11.2.4 UARTi transmit register and UARTi transmit buffer register
Figure 11.2.5 shows the block diagram for the transmitter; Figure 11.2.6 shows the structure of UARTi
transmit buffer register.
11.2 Block description
Fig. 11.2.5 Block diagram for transmitter
SP
SP
PAR
“0”
2SP
1SP
UART
7-bit UART
8-bit UART
7-bit UART
9-bit UART
Clock sync.
Clock sync.
Clock sync.
Data bus (even)
Data bus (odd)
TxDi
UARTi transmit register
Parity
enabled
Parity
disabled
D8
D7
D6
D5
D4
D3
D2
D1
D0
SP : Stop bit
PAR : Parity bit
UARTi transmit
buffer register
8-bit UART
9-bit UART
Fig. 11.2.6 Structure of UARTi transmit buffer register
b7
b0
Bit
8 to 0
At reset
Undefined
RW
Functions
WO
b7
b0
(b15)
(b8)
15 to 9
–
Undefined
UART0 transmit buffer register (Addresses 3316, 3216)
UART1 transmit buffer register (Addresses 3B16, 3A16)
Nothing is assigned.
Transmit data is set.
Note: Use the LDM or STA instruction for writing to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com