Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 98Page - Renesas Technology Corp 32170 Datasheet HTML 99Page - Renesas Technology Corp 32170 Datasheet HTML 100Page - Renesas Technology Corp 32170 Datasheet HTML 101Page - Renesas Technology Corp 32170 Datasheet HTML 102Page - Renesas Technology Corp 32170 Datasheet HTML 103Page - Renesas Technology Corp 32170 Datasheet HTML 104Page - Renesas Technology Corp 32170 Datasheet HTML 105Page - Renesas Technology Corp 32170 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 881 page
background image
4
4-7
32170/32174 Group User's Manual (Rev. 2.1)
4.5 Acceptance of EIT Event
When an EIT event occurs, the M32R/ECU suspends the program it has hitherto been executing
and branches to EIT processing by the relevant handler. Conditions under which each EIT event
occurs and the timing at which they are accepted are shown below.
Table 4.5.1 Acceptance of EIT Events
EIT Event
Type of Processing
Acceptance Timing
Values Set in BPC Register
Reserved Instruction
Instruction processing-
During instruction
PC value of the instruction
Exception (RIE)
canceled type
execution
which generated RIE
Address Exception (AE)
Instruction processing-
During instruction
PC value of the instruction
canceled type
execution
which generated AE
Reset Interrupt (RI)
Instruction processing-
Each machine cycle
Indeterminate value
aborted type
System Break
Instruction processing-
Break in instructions
PC value of the next instruction
Interrupt (SBI)
completed type
(only word boundaries)
External Interrupt (EI)
Instruction processing-
Break in instructions
PC value of the next instruction
completed type
(only word boundaries)
Trap (TRAP)
Instruction processing-
Break in instructions
PC value of TRAP
completed type
instruction + 4
EIT
4.5 Acceptance of EIT Events



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com