Electronic Components Datasheet Search
  English  ▼

X  

32170 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # 32170
Description  32-bit RISC Single-chip Microcomputers
PDF  881 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32170 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button 32170 Datasheet HTML 99Page - Renesas Technology Corp 32170 Datasheet HTML 100Page - Renesas Technology Corp 32170 Datasheet HTML 101Page - Renesas Technology Corp 32170 Datasheet HTML 102Page - Renesas Technology Corp 32170 Datasheet HTML 103Page - Renesas Technology Corp 32170 Datasheet HTML 104Page - Renesas Technology Corp 32170 Datasheet HTML 105Page - Renesas Technology Corp 32170 Datasheet HTML 106Page - Renesas Technology Corp 32170 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 881 page
background image
4
4-8
32170/32174 Group User's Manual (Rev. 2.1)
4.6 Saving and Restoring the PC and PSW
The following describes operation of the M32R at the time when it accepts an EIT and when it
executes the "RTE" instruction.
(1) Hardware preprocessing when an EIT is accepted
(a) Save the SM, IE, and C bits of the PSW register
BSM
← SM
BIE
← IE
BC
← C
(b) Update the SM, IE, and C bits of the PSW register
SM
← Remains unchanged (RIE, AE, TRAP)
or set to 0 (SBI, EI, RI)
IE
← Set to 0
C
← Set to 0
(c) Save the PC register
BPC
← PC
(d) Set the vector address in the PC register
Branches to the EIT vector and executes the branch instruction ("BRA" instruction) written
in it, thereby transferring control to the user-created EIT handler.
(2) Hardware postprocessing when the "RTE" instruction is executed
(e) Restore the SM, IE, and C bits of the PSW register from their backup bits.
SM
← BSM
IE
← BIE
C
← BC
(f) Restore the value of the PC register from the BPC register
PC
← BPC
Note: The value of the BPC register and those of the BSM, BIE, and BC bits of the PSW register
after execution of the "RTE" instruction are indeterminate.
EIT
4.6 Saving and Restoring the PC and PSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com