Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 4Page - ATMEL Corporation TSS463B Datasheet HTML 5Page - ATMEL Corporation TSS463B Datasheet HTML 6Page - ATMEL Corporation TSS463B Datasheet HTML 7Page - ATMEL Corporation TSS463B Datasheet HTML 8Page - ATMEL Corporation TSS463B Datasheet HTML 9Page - ATMEL Corporation TSS463B Datasheet HTML 10Page - ATMEL Corporation TSS463B Datasheet HTML 11Page - ATMEL Corporation TSS463B Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
8
TSS463B
4102E–AUTO–12/04
When the master (CPU) conducts a read, it sends an address byte, a control byte and
dummy characters (’0xFF’for instance) on its MOSI line. In the case of a VAN messages
RAM read (VAN frame received), the first data byte sent back by the TSS463B on its
MISO pin is the data length so the master knows how many dummy characters it must
send to read the VAN frame properly. When the TSS463B responds back with data, it
will not take care of the MOSI line.
The master must activate and desactivate SS between each data frame.
Synchronization bytes must be monitored carefully. For instance, if ’0xAA’and ’0x55’are
not monitored correctly, then the previous transmission may be incorrect too.
A control byte containing ’0x00’or ’0xFF’is forbidden except during an ’Initialization
Sequence ’.
Intel SPI Mode
The Intel SPI mode is the second type of interface. As mentioned before, the TSS463B
enters this mode if the Initialization Sequence contains (first two bytes received) ’0xFF,
0xFF’.
This mode is fully compatible to the Intel UART serial interface programmed in mode 0
only. It is the same as Motorola SPI mode (same CPOL and CPHA) but with inverted
communication sense (LSB first and MSB last). The protocol is also the same.
However, from the master point of view (host microcontroller), the hardware is different.
Figure 5 shows how to connect the TSS463B and Intel type microcontroller.
Figure 5. Typical Application With the 8051 UART in Mode 0
Note:
1. The RESET pin can either be connected to GND through a 1 µF capacitor, or to the
microcontroller RESET pin, or unconnected (inactive with internal pull-up).
INT
IRQ
PORT X.z
SS
POR T X.y
RXD
1
2
3
4
5
6
7
89
10
11
12
13
14
15
SCLK
MISO
MOSI
RxD0
RxD1
RxD2
TXD
RESET (1)
VDD
GND
CKOUT
XTAL1
XTAL2
TXD
VAN Bus
General I/O
Remaining pins
TEST/VSS
XTAL1
C1
C2
100k
(if needed)
optional
RESET (1)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com