Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 57 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation TSS463B Datasheet HTML 54Page - ATMEL Corporation TSS463B Datasheet HTML 55Page - ATMEL Corporation TSS463B Datasheet HTML 56Page - ATMEL Corporation TSS463B Datasheet HTML 57Page - ATMEL Corporation TSS463B Datasheet HTML 58Page - ATMEL Corporation TSS463B Datasheet HTML 59Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
57
TSS463B
4102E–AUTO–12/04
Packaging Information
SO16
SO
MM
Inch
A
2.35
2.65
0.093
0.104
A1
0.10
0.30
0.004
0.012
B
0.35
0.49
0.014
0.019
C
0.23
0.32
0.009
0.013
D
10.10
10.50
0.398
0.413
E
7.40
7.60
0.291
0.299
e
1.27
BSC
0.050
BSC
H
10.00
10.65
0.394
0.419
h
0.25
0.75
0.010
0.029
L
0.40
1.27
0.016
0.050
N16
16
a0
° 8°
0
° 8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com