Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 27 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 23Page - ATMEL Corporation TSS463B Datasheet HTML 24Page - ATMEL Corporation TSS463B Datasheet HTML 25Page - ATMEL Corporation TSS463B Datasheet HTML 26Page - ATMEL Corporation TSS463B Datasheet HTML 27Page - ATMEL Corporation TSS463B Datasheet HTML 28Page - ATMEL Corporation TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
27
TSS463B
4102E–AUTO–12/04
Control and Status Registers
Line Control Register (0x00)
•
Read/write register.
•
Default value after reset: 0
×00
•
Reserved: Bit 2, this bit must not be set by the user; a 0 must always be written to
this bit.
CD[3:0]:Clock Divider
They control the VAN Bus rate through a Baud Rate generator according to the formula
below:
PC: Pulsed Code
One: The TSS463B will transmit and receive data using the pulsed coding mode (i.e
optical or radio link mode). The use of this mode implies communication via the RxD0
input and the non-functionality of the diagnosis system.
Zero: (default at reset) The TSS463B will transmit and receive data using the Enhanced
Manchester code. (RxD0, RxD1, RxD2 used).
IVTX: Invert TxD output
IVRX: Invert RxD inputs
The user can invert the logical levels used on either the TxD output or the RxD inputs in
order to adapt to different line drivers and receivers.
One: A one on either of these bits will invert the respective signals.
Zero: (default at reset) The TSS463B will set TxD to recessive state in Idle mode and
consider the bus free (recessive states on RxD inputs).
Transmit Control Register
(0x01)
•
Read/Write register.
•
Default value after reset: 0x02
MR[3:0]: Maximum Retries
These bits allow the user to control the amount of retries the circuit will perform if any
errors occurred during transmission.
7654
3210
CD3
CD2
CD1
CD0
PC
0
IVTX
IVRX
fTSCLK
()
fXTAL1
()
n 16
×
-------------------------
=
7654
3210
MR3
MR2
MR1
MR0
VER2
VER1
VER0
MT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com