Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 52 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation TSS463B Datasheet HTML 54Page - ATMEL Corporation TSS463B Datasheet HTML 55Page - ATMEL Corporation TSS463B Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 59 page
background image
52
TSS463B
4102E–AUTO–12/04
Linked Channels
The linkage feature allows two channels to share the same Message area, the message
pointer and the message length assumes this property:
•
Zero value as message length (M_L [4:0] - base_address + 0x03) declares the
channel linked to another channel.
•
The number of this other channel is defined in the message pointer field (M_P [6:0]
- base_address + 0x02).
•
The pointer and the length values for the Message area are defined only once, in
the register set of this other Channel.
Only one level of linkage can be created. This means, (see Figure 36) a Channel k can
be linked to the Channel i but not to Channel j, already defined as linked to Channel i.
All the others can be different between the two channels, for example the ID_Tag.
Figure 36. Linkage Mechanism
This Message area sharing permits either to optimize the allocation of the 128 bytes of DATA, either to perform some spe-
cial communications between the different nodes of the network.
ID_Tag j (msb)
ID_Tag j (lsb)
EXT RAK RNW RTR
DRAK
i
0x00
CHRx
Message Status
DATA 0
ID_Tag i (msb)
ID_Tag i (lsb)
EXT RAK RNW
DRAK
Mess_Ptr
Mess_Len = n+2
CHER CHTx CHRx
ID_Mask i (lsb)
DATA n
The Channel j linked
to the Channel i
. . . .
--- Message for Channels i & j ---
Channel i and j
share the same
Message area
ID_Mask i (msb)
RTR
CHER CHTx
ID_Mask j (msb)
ID_Mask j (lsb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com