Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 51 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 47Page - ATMEL Corporation TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation TSS463B Datasheet HTML 54Page - ATMEL Corporation TSS463B Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
51
TSS463B
4102E–AUTO–12/04
Activate, Idle and
Sleep Modes
Sleep, idle and activate commands are located in the Command Register (0x03). These
three commands are general commands for the TSS463B.
Idle and Activate
Commands
After reset, the TSS463B starts in idle mode. In this mode, the oscillator operates
(CKOUT pin active) but the circuit cannot transmit or receive anything on the VAN bus.
The TxD output (pin 12) is in tri-state mode, a pull-up resistor must be provided exter-
nally or by the line driver to avoid floating state on the VAN bus. To activate the
TSS463B, the user must set the activate bit (ACTI) and reset the idle bit (IDLE).
Figure 35. Idle and Activate Timings
In both cases, the idle state can be verified reading the Line Status register (0x04).
Sleep Command
If the user sets the sleep bit (SLEEP), the TSS463B enters in sleep mode, regardless of
the values of activate and idle bits. It means that, all non-user registers are set-up to
reduce the power consumption and the internal oscillator is immediately stopped. Then,
accesses to all registers (and to the messages) via the SPI/SCI interface are impossible
and CKOUT is not provided.
To exit from this mode the user must apply either an hardware reset (external reset pin)
either an asynchronous software reset (via the SPI/SCI interface).
In a typical application (see Figure 5), using the CKOUT feature (pin 8), if the TSS463B
is put in sleep mode, the clock provided to the microcontroller is stopped. So, the system
does not run and the only way to awake this application is an external reset.
(max)
RxD
TxD
After Reset
Idle Mode
Activate Mode
Activate command
3 TS
8 TS
12 TS
TS: Timeslot Period
SOF
SOF
Idle Command
FCS
5 TS
4 TS
RxD
INT
Idle Mode
Activate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com