Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 55 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation TSS463B Datasheet HTML 54Page - ATMEL Corporation TSS463B Datasheet HTML 55Page - ATMEL Corporation TSS463B Datasheet HTML 56Page - ATMEL Corporation TSS463B Datasheet HTML 57Page - ATMEL Corporation TSS463B Datasheet HTML 58Page - ATMEL Corporation TSS463B Datasheet HTML 59Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 55 / 59 page
background image
55
TSS463B
4102E–AUTO–12/04
AC Characteristics
Table 12. Microprocessor Inrterface
C
LOAD = 200pF on SPI/SCI lines
TA = -40°C to 125°C; VCC = 5V + 10%; VSS = 0V
Note:
1. Simulated Data
Symbol
Characteristic
Min
Max
Unit
f
OP
Operating Frequency SPI
SCI
dc
dc
4
125
MHz
kHZ
1t
CYC
Cycle Time
SPI
SCI
250
8
-
-
ns
ms
2t
LEAD
Enable Lead Time
4
-
XTAL Period
3t
LAG
Enable Lead Time
12
-
XTAL Period
4t
W(SCKH)
Clock (SCLK) High Time
100
-
ns
5t
W(SCKL)
Clock (SCLK) Low Time
100
-
ns
6
t
SU
Data Setup Time (Inputs)
40
-
ns
7t
H
Data Hold Time (Inputs)
40
-
ns
8t
A
Slave Access Time (Time to Data Active from
High-Impedance State)
0
100
ns
9tDIS
Slave Disable Time (Hold Time to High-
Impedance State)
-
200
ns
10
t
V
Data Valid (After Enable Edge)
-
60
ns
11
t
HO
Data Hold Time (Outputs After Enable Edge)
0
-
ns
12
t
IZIL
(1)
INT Float Pulse Width
20
ns
A
SS
(INPUT)
MISO
(OUTPUT)
MOSI
(INPUT)
SCLK
(INPUT)
INT
float pulse only when address is 0x08 to 0x0B
IZIL
t
CYC
t
LEAD
t
W(SCKL)
t
W(SCKH)
t
FLAG
DIS
t
HO
t V
tH
SU
t
t
IZIL
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com