Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 23 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 19Page - ATMEL Corporation TSS463B Datasheet HTML 20Page - ATMEL Corporation TSS463B Datasheet HTML 21Page - ATMEL Corporation TSS463B Datasheet HTML 22Page - ATMEL Corporation TSS463B Datasheet HTML 23Page - ATMEL Corporation TSS463B Datasheet HTML 24Page - ATMEL Corporation TSS463B Datasheet HTML 25Page - ATMEL Corporation TSS463B Datasheet HTML 26Page - ATMEL Corporation TSS463B Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
23
TSS463B
4102E–AUTO–12/04
Status bits give permanent information on the diagnosis performed, whatever the pro-
grammed operating mode. This is encoded over three bits: Sa, Sb and Sc.
•
Sa and Sb bits indicate the four possible states of the VAN bus.
Table 3. Status Bits: Sa and Sb
•
Sc: As soon as one of the three inputs (RXD2, RXD1, RXD0) differs from the others
in the input comparison analysis performs by the diagnosis system, Sc is set.
The only way to reset this status bit is through the RI signal or a general reset.
Internal Operations
Digital Filtering
If several spurious pulses occur during one bit, the diagnosis for defective conductor
may be corrupted. To avoid such errors, digital filters are implemented.
Filtering operation is based on sampling of the comparator output signals. A transition is
taken into account only if it is observed over five samples (1/16th of timeslot).
Transition Analyses
These analyses are continuously done on the effective edges on comparators after digi-
tal filtering.
•
Asynchronous diagnosis
The asynchronous diagnosis is done by comparing the number of edges on DATA
and DATA.
If four edges are detected on one input and no edges on the other during the same
period, the second input is considered faulty and the diagnosis mode will change to
one of the degraded modes.
•
Synchronous diagnosis
The synchronous diagnosis counts the number of edges on the data input
connected to the reception logic during one SDC period.
If there are less than four edges during one SDC period, the diagnosis mode will
change to the major error mode.
Sa
Sb
Communication
00
Mode
Nominal
Fault
No fault on VAN bus
Status
Differential communication on DATA and DATA
01
Mode
Degraded on DATA
Fault
Fault on DATA
Status
Communication on DATA
10
Mode
Degraded on DATA
Fault
Fault on DATA
Status
Communication on DATA
11
Mode
Major error
Fault
Fault on DATA and DATA
Status
No communication on DATA and DATA (attempt to communicate
alternatively on DATA then DATA every SDC period)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com