Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 46 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 42Page - ATMEL Corporation TSS463B Datasheet HTML 43Page - ATMEL Corporation TSS463B Datasheet HTML 44Page - ATMEL Corporation TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation TSS463B Datasheet HTML 47Page - ATMEL Corporation TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
46
TSS463B
4102E–AUTO–12/04
Priority Among the
Different Channels
The priority handling on the VAN bus itself is already explained in the Line interface sec-
tion. The priorities for the messages in the TSS463B is however slightly different.
For instance, it’s possible that an identifier matches two or more of the identifiers pro-
grammed into the registers. In this case, it is the lowest identifier number that has
priority. i.e. if both identifier 5 and 10 match the identifier received, it is the identifier 5
that will receive the message.
However, since the identifier 5 will become an inactive message when it has received
the frame, the next time the same identifier is seen on the bus, the corresponding data
will be received by identifier 10.
The same is valid for messages to be transmitted, i.e. if two or more messages are
ready to be transmitted, it is the one with the lowest identifier number that will get
priority.
Retries, Rearbitrate
and Abort
Retries and rearbitrate commands are located, respectively, in the Transmit Control
Register and in the Command Register. An abort command is located in each channel
register set, in the Message Length and Status Register (base_address + 0x03). These
three commands are available only when the TSS463B is producer.
Figure 30. Transmit Function
Activate
Ch. Enabled in
Xmit Mode ?
No
Select The Lowest
Ch. Number And
Load ”Max - Retries”
Yes
Abort Activated
On Current Ch. ?
Yes
Disable of
Current Ch.
No
Wait For Bus Free
(EOF+IFS= 12 Timeslots)
Retry Needed ?
Abort
No
No
Abort Required
Rearbitrate?
On Current Ch.
Rearbitrate
Yes
Transmit Frame
And Wait For The End
Decrement
Retry Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com