Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 30 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 26Page - ATMEL Corporation TSS463B Datasheet HTML 27Page - ATMEL Corporation TSS463B Datasheet HTML 28Page - ATMEL Corporation TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation TSS463B Datasheet HTML 32Page - ATMEL Corporation TSS463B Datasheet HTML 33Page - ATMEL Corporation TSS463B Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
30
TSS463B
4102E–AUTO–12/04
ETIP: Enable Transmission In
Progress
The Transmission In Progress (TIP) tells the diagnosis system to enable transmission
diagnosis.
One: Enable TIP generation
Zero: Disable TIP generation.
ESDC: Enable System
Diagnosis Clock
The Synchronous Diagnosis Clock (SDC) controls the cycle time of the synchronous
diagnosis.
One: Enable SDC divider.
Zero: Disable SDC divider.
Command Register (0x03)
•
Write only register.
•
Reserved: Bit 1, 2. These bits must not be set by the user; a zero must always be
written to these bit.
•
If the circuit is operating at low bitrates, there might be a considerable delay
between the writing of this register and the performing of the actual command (worst
case 6 timeslots). The user is therefore recommended to verify, by reading the Line
Status Register (0x04), that the commands have been performed.
GRES: General Reset
The Reset circuit command bit performs, if set, exactly as if the external reset pin was
asserted. This command bit has its own auto-reset circuitry.
One: Reset active
Zero: Reset inactive
SLEEP: Sleep command
(Section “Sleep Command”, page 51). If the user sets the Sleep bit, the circuit will enter
sleep mode. When the circuit is in sleep mode, all non-user registers are setup to mini-
mize power consumption. Read/write accesses to the TSS463B via the SPI/SCI
interface are impossible, the oscillator is stopped.
To exit from this mode the user must apply either an hardware reset (external RESET
pin) either an asynchronous software reset (via the SPI/SCI interface).
One: Sleep active
Zero: Sleep inactive
IDLE: Idle command
(Section “Idle and Activate Commands”, page 51). If the user sets the Idle bit, the circuit
will enter idle mode. In idle mode the oscillator will operate, but the TSS463B will not
transmit or receive anything on the bus, and the TxD output will be in tri-state
One: Idle active
Zero: Idle inactive
ACTI: Activate command
(Section “Idle and Activate Commands”, page 51). The Activate command will put the
circuit in the active mode, i.e it will transmit and receive normally on the bus. When the
circuit is in activate mode the TxD tri-state output is enabled.
One: Activate active
Zero: Activate inactive
7654
3210
GRES
SLEEP
IDLE
ACTI
REAR
0
0
MSDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com