Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 29 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 25Page - ATMEL Corporation TSS463B Datasheet HTML 26Page - ATMEL Corporation TSS463B Datasheet HTML 27Page - ATMEL Corporation TSS463B Datasheet HTML 28Page - ATMEL Corporation TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation TSS463B Datasheet HTML 32Page - ATMEL Corporation TSS463B Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
29
TSS463B
4102E–AUTO–12/04
•
In the two low order bits, the user controls if the SDC and TIP are to be generated
automatically ETIP, ESDC.
SDC [3:0]: SDC Divider
The input clock is the timeslot clock.
Table 6. System Diagnosis Clock Divider
Ma, Mb: Operating Mode
Command Bits
Table 7. Diagnosis System Command Bits
SDC DIVIDER SDC [3:0]
Divide by
0000
64
0001
128
0010
256
0011
512
0100
1024
0101
2048
0110
4096
0111
8192
1000
16384
1001
32768
1010
65536
1011
131072
1100
262144
1101
524288
1110
1048576
1111
2097152
SDC calculation: (see “SDC Signal (Synchronous Diagnosis Clock)” on page 24).
Notes:
1. For each module, determine the largest interframe spacing, LIFS (*).
2. For the whole network, get the maximum LIFS, MAX-LIFS.
3. SDC period > MAX-LIFS.
(*) IFS min. = 4 TS
Example: For VAN frame speed rate = 62,5 KTS/s (1 TS = 16 µs), SDC >100 ms
=> 100 ms / 16 µs = 6250, divider chosen: 8192, SDC [3:0] = 0111.
Ma
Mb
0
0
Forces the Communication on RxD0 (differential)
0
1
Forces the Communication on RxD2 (DATA)
1
0
Forces the Communication on RxD1 (DATA)
1
1
Automatic selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com