Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 42 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 38Page - ATMEL Corporation TSS463B Datasheet HTML 39Page - ATMEL Corporation TSS463B Datasheet HTML 40Page - ATMEL Corporation TSS463B Datasheet HTML 41Page - ATMEL Corporation TSS463B Datasheet HTML 42Page - ATMEL Corporation TSS463B Datasheet HTML 43Page - ATMEL Corporation TSS463B Datasheet HTML 44Page - ATMEL Corporation TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
42
TSS463B
4102E–AUTO–12/04
Figure 28. Message Buffer Structure for Transmission
Message Status (Pointed
by: Message Pointer
Register)
•
(no significant value in case of message to be transmitted)
RRAK: Received RAK Bit
This bit is the RAK bit coming from the COM field of the received frame.
RRNW: Received RNW Bit
This bit is the RNW bit coming from the COM field of the received frame.
RRTR: Received RTR Bit
This bit is the RTR bit coming from the COM field of the received frame.
RM_L[4:0]: Message Length of
the Received Frame
If the DATA field of the received frame included DATA0 to DATAn, RM_L[4:0] = n+1,
even if the reserved length (Message Length and Status Register) is larger.
CHER CHTx CHRx
Message PointerRegister
DRAK
M_P [6..0]
Message Length & Status Register
M_L [4..0]
DATA 0
Message
ID [11..0]
SOF
DATA 0
DATA n
FCS
EOF
Transmitted DATA Frame
Transmitted
DATA n
Transmitted
M_P + 0x80 + n + 2
M_P + 0x80
(Nothing)
7654321
0
RRAK
RRNW
RRTR
RM_L4
RM_L3
RM_L2
RM_L1
RM_L0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com