Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 5 Page - ATMEL Corporation

  TSS463B Datasheet HTML 1Page - ATMEL Corporation TSS463B Datasheet HTML 2Page - ATMEL Corporation TSS463B Datasheet HTML 3Page - ATMEL Corporation TSS463B Datasheet HTML 4Page - ATMEL Corporation TSS463B Datasheet HTML 5Page - ATMEL Corporation TSS463B Datasheet HTML 6Page - ATMEL Corporation TSS463B Datasheet HTML 7Page - ATMEL Corporation TSS463B Datasheet HTML 8Page - ATMEL Corporation TSS463B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
5
TSS463B
4102E–AUTO–12/04
Microprocessor
Interface
The processor controls the TSS463B by reading and writing the internal registers of the
circuit. These registers appear to the processor as regular memory locations.
Interface Modes
The TSS463B must be connected with an SPI or SCI serial interface.The following sec-
tion provides information switching from one mode to another.
Motorola SPI Mode
The first two bytes to be sent by the master (CPU) are called ’Initialization Sequence’:
This sequence provides a proper asynchronous RESET in the TSS463B and it selects
the Motorola SPI, Intel SPI or the SCI serial mode. This initialization sequence is shown
on figure 4: two 0x00 will cause an internal RESET and assert the Motorola SPI mode,
two ’0xFF’ will provide an internal RESET and assert the Intel SPI mode and ’9 bits to 0
followed by 0xFF or 0xFE’will generate an internal RESET and assert the 9-bits SCI
mode.
Figure 2. Mode Configuration Byte
The Motorola Serial Peripheral Interface (SPI) is fully compatible with the SPI Motorola
protocol. The interface is implemented for slave-mode only (the TSS463B can not gen-
erate SPI frames by itself).
The SPI interface allows the interconnection of several CPUs and peripherals on the
same printed circuit board.
The SPI mode interface consists of 4 pins: separate wires are required for data and
clock, so the clock is not included in the data stream as shown on Figure 3. One pin is
needed for the serial clock (SCLK), two pins for data communication MOSI and MISO
and one pin for Slave Select (SS)
MOSI
or
MOSI
0 . 0000 . 0000
0x00
SCLK
SS
SS
SCLK
SPI 8 Pulses
SCI 9 Pulses
0x00
1 . 1111 . 1111
Internal RESET and SPI Mode (Intel or Motorola)
Internal RESET and SCI Mode
0xFF
0xFF
Intel
Motorola
Internal RESET
Internal RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com