Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 47 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 43Page - ATMEL Corporation TSS463B Datasheet HTML 44Page - ATMEL Corporation TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation TSS463B Datasheet HTML 47Page - ATMEL Corporation TSS463B Datasheet HTML 48Page - ATMEL Corporation TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation TSS463B Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 59 page
background image
47
TSS463B
4102E–AUTO–12/04
Retries
The purpose of the retries feature is to provide, for the user, the capability of retrying a
transmit request in case of failure, when a node tries to reach another node, either on
normal DATA frame or on REPLY REQUEST frame.
The maximum number of retries is programmable through MR[3:0] of the Transmit Con-
trol Register (0x01). When a channel is enable - bit CHTx = 0 of Message Length and
Status Register, a 4-bit counter is loaded with MR[3:0]. At each attempt, this counter will
count-down to 0, an IT TE is set in the Interrupt Status Register (0x09), and the trans-
mission is stopped.
MR[3:0] = 1 indicates 1 retry, hence 2 transmission attempts will be performed (see
Table 5, “Retries,” on page 28). The number of retries performed, as well as the current
channel number associated, can be read in the Transmission Status Register (0x05).
The Last Error Status Register (0x07) informs about the trouble uncounted:
•
Failure cases:
–
Code viol (CV error bit)
–
Acknowledge error (ACKE error bit)
–
CRC error (FCSE error bit)
•
It should be noticed that contention is considered as normal CSMA/CD protocol
and, therefore, is not taken into account in failure cases. So, an 'infinite' number of
attempts can be performed if bus contention occurs continuously.
There is only one retry counter for all channels. When the user writes the Max_Retries
value, all channels start their transmission with this parameter.
Rearbitrate
The purpose of rearbitrate feature is to postpone a channel already in transmission in
order to authorize an higher priority (see Section "Priority Among the Different Chan-
nels", page 46) message to be transmit.
Typical Example
•
Max_retries = 1 (2 transmissions attempts).
•
If Ch8 is in a the retry loop and the user wants to transmit the Ch5 without waiting
the end of the loop, the user can use the rearbitrate command.
•
The TSS463B will then wait until the end of the current transmission, reload the
retries counter and enable the Ch5 to transmit.
•
At the end of this transmission Ch5, either when the attempt is successful or the
exceeded retry count is reached, the retries counter is reloaded and the
transmission is activated for the Ch8 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com