Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 18Page - ATMEL Corporation TSS463B Datasheet HTML 19Page - ATMEL Corporation TSS463B Datasheet HTML 20Page - ATMEL Corporation TSS463B Datasheet HTML 21Page - ATMEL Corporation TSS463B Datasheet HTML 22Page - ATMEL Corporation TSS463B Datasheet HTML 23Page - ATMEL Corporation TSS463B Datasheet HTML 24Page - ATMEL Corporation TSS463B Datasheet HTML 25Page - ATMEL Corporation TSS463B Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
22
TSS463B
4102E–AUTO–12/04
Diagnosis System
The purpose of the diagnosis system is to detect any short or open circuits on either the
DATA or DATA lines and to permit, if it is possible, to carry the communications on the
non-defective line.
The diagnosis system is based on the assumption that three separate line receivers are
connected to the VAN bus see Figure 1.
•
One of the line receivers is connected in differential mode, sensing both DATA and
DATA signals, and is connected to the RxD0 input.
•
The other two line receivers are operating in single wire mode and are sensing only
one of the two VAN bus signals:
–
The line receiver sensing DATA is connected to RxD1
–
The line receiver sensing DATA is connected to RxD2
The diagnosis system analyzes and compares the data sent over both VAN lines. So,
the diagnosis system executes a digital filtering and transition analyses. In order to per-
form its investigation, three internal signals are generated, RI (Return to Idle), SDC
(Synchronous Diagnosis Clock) and TIP (Transmission In Progress).
One of four operating modes can be chosen to manage the results of the diagnosis
system.
Diagnosis States
If the diagnosis system finds a failure on any of the VAN bus signals, it changes from
nominal to degraded mode, and connects the line receiver not coupled to the failing sig-
nal to the reception logic.
When the diagnosis system finds that the failing signal is working again, it returns to
nominal mode and re-connects the differential line receiver to the reception logic.
A major error occurs when both the VAN bus signals are failed.
Figure 21. Diagnosis States
Nominal
Major
Error
Degraded
Data
Degraded
Data
- Failure during the frame.
- Default of transitions on the valid input between 2 consecutive SDC rising edges.
- Protocol fault
- In specified selection mode, every RI pulse when an EOF is detected or through an active SDC.
- In automatic selection mode and SDC active, no failure sampled by 2 consecutive SDC rising edges.
- General reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com