Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 53 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 49Page - ATMEL Corporation TSS463B Datasheet HTML 50Page - ATMEL Corporation TSS463B Datasheet HTML 51Page - ATMEL Corporation TSS463B Datasheet HTML 52Page - ATMEL Corporation TSS463B Datasheet HTML 53Page - ATMEL Corporation TSS463B Datasheet HTML 54Page - ATMEL Corporation TSS463B Datasheet HTML 55Page - ATMEL Corporation TSS463B Datasheet HTML 56Page - ATMEL Corporation TSS463B Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
53
TSS463B
4102E–AUTO–12/04
Electrical Characteristics
DC Characteristics
Absolute Maximum Ratings
Ambient temperature under bias:
Automotive........................................................-40
°C to 125°C
Storage Temperature ........................................-65
°C to 150°C
Voltage on VCC to VSS .......................................... -0.5 to +7.0V
Voltage on any pin to VSS ..........................-0.5V to VCC +0.5V
*NOTICE:
Stresses at or above those listed under Absolute
Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions exceeding those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Table 11. T
A = -40°C to 125°C; VCC = 5 V + 10%; VSS = 0 V
Symbol
Parameter
Min.
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.3·VCC·min
V
VIH
Input High Voltage
0.7·VCC max
VCC+0.5
V
V
HY
Hyteresis Voltage of
Trigger CMOS inputs
0.4
-
V
see Table
V
OL
Output Low Voltage
0.4
V
I
OL = 3.2 mA, VCC min
V
OH
Output High Voltage
2.4
V
I
OH = -3.2 mA, VCC min
I
L
Input Leakage Current
(SCLK, MOSI, SS)
5
µA0 < V
IN < VCC
IOZ
Output Tri-state
Leakage Current
(MISO)
5
µA0 < V
IN < VCC
R
PU, RPD
Input pull-up and pull-
down resistors
70
k
Ω
Note 4
CIO
I/O Buffer Capacitance
10
pF
Not tested
ICCSB
Power Supply Current
Sleep mode
50
µA(Note 1)
ICCOP
Power Supply Current
Idle or Active mode
9
mA
(Notes 2, 3)
Notes:
1. Sleep Mode ICCSB is measured according to a VSS Clock Signal.
2. Active mode I
CCOP is measured at: XTAL = 8 MHz clock, VAN speed rate = 125 KTS/s.
3. I
CC is a function of the Clock Frequency. Figure 38 displays a graph showing ICC versus Clock frequency.
4. RESET, RxD0, RxD1, RxD2 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com