Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 31 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 27Page - ATMEL Corporation TSS463B Datasheet HTML 28Page - ATMEL Corporation TSS463B Datasheet HTML 29Page - ATMEL Corporation TSS463B Datasheet HTML 30Page - ATMEL Corporation TSS463B Datasheet HTML 31Page - ATMEL Corporation TSS463B Datasheet HTML 32Page - ATMEL Corporation TSS463B Datasheet HTML 33Page - ATMEL Corporation TSS463B Datasheet HTML 34Page - ATMEL Corporation TSS463B Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 59 page
background image
31
TSS463B
4102E–AUTO–12/04
REAR: Re-Arbitrate command.
This command will, after the current attempt, reset the retry counter and re-arbitrate the
messages to be transmitted in order to find the highest priority message to transmit.
One: Re-arbitrate active
Zero: Re-arbitrate inactive
MSDC: Manual System
Diagnosis Clock.
Rather than using the SDC divider described in Section “SDC Signal (Synchronous
Diagnosis Clock)” , the user can use the manual SDC command to generate a SDC
pulse for the diagnosis system.
This MSDC pulse should be high at least 2 timeslot clocks.
Line Status Register (0x04)
•
Read only register
•
Default value after reset: 0bx01xxx00.
•
This register reports the operation mode of the TSS463B in the Sleep an Idle bits
(Command Register located at address 0
×03) as well as the diagnosis system
status bits Sa to Sc discussed in the section “Diagnosis System” on page 22
SPG: Sleeping
IDG: Idling
Default mode at reset.
Sa, Sb and Sc: Diagnosis
System Status Bits
•
Sa and Sb
Table 8. Diagnosis System Status Bits
•
Sc: As soon as one of the three inputs (RxD2, RxD1, RxD0) differs from the others
in the input comparison analysis performed by the diagnosis system, Sc is set.
The only ways to reset this status bit is through the RI signal or a general reset.
TXG: Transmitting
If this status bit is active, it indicates that the TSS463B has chosen an identifier to trans-
mit, and it will continue to make transmission attempt for this message until it succeeds
or the retry count is exceeded.
RXG: Receiving
The receiving indicates that there is activity on the bus.
Note: For safe modification of active channel registers both bits should be inactive
(except “abort” command).
7654321
0
XSPG
IDG
Sc
Sb
Sa
TXG
RXG
Sb
Sa
Communication Indication
0
0
Nominal mode, differential communication
0
1
Degraded over DATA, fault on DATA
1
0
Degraded over DATA, fault on DATA
1
1
Major error, fault on DATA and DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com