Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 43 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 39Page - ATMEL Corporation TSS463B Datasheet HTML 40Page - ATMEL Corporation TSS463B Datasheet HTML 41Page - ATMEL Corporation TSS463B Datasheet HTML 42Page - ATMEL Corporation TSS463B Datasheet HTML 43Page - ATMEL Corporation TSS463B Datasheet HTML 44Page - ATMEL Corporation TSS463B Datasheet HTML 45Page - ATMEL Corporation TSS463B Datasheet HTML 46Page - ATMEL Corporation TSS463B Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 59 page
background image
43
TSS463B
4102E–AUTO–12/04
Figure 29. Message Status Updating
Note:
1. After IT ROK or RNOK. In case of IT RE, the values can be erroneous.
Message Data (String
Pointed by: Message
Pointer Register + 1)
DATA0 is the first received (or transmitted) byte, DATAn is the last one.
Note:
1. If the length reserved (in the message length and status register) for an incoming
frame is 2 bytes greater or more, the TSS463B will write the 2 bytes of the CRC field
in the message string just after DATAn. Because the VAN frame does not contain a
message length, the only way for the component to know the length of the DATA field
is either the message length register value, or the EOD field detection. When the
reserved length is too large, at the moment when it detects the EOD, the TSS463B
has already written the 2 bytes of the CRC field, considering these bytes as normal
DATA.
2. The Mailbox RAM area is a circular buffer. The next location after 0xFF is 0x80.
Data Frame
Immediate
Reply
I, P
C
Frame Type
Node x
Message Status on Node A after IT(*)
Commu-
Node A
RAK
RNW
RTR
Length
Previous
Value
I, C
P
RAK
RNW
RTR
Deferred
Reply
Previous
Value
I, C
P
RAK
RNW
RTR
Data Frame
I, P
C
Immediate
Reply
I, C
P
RAK
RNW
RTR
Length
Deferred
Reply
I, C
P
RAK
RNW
RTR
Length
previous values
P: Producer
I: Initiator
C: Consumer
nication
7654321
0
DATAn
- - -
- - -
- - -
- - -
- - -
- - -
-- - -
- - -
DATA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com