Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 9 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 5Page - ATMEL Corporation TSS463B Datasheet HTML 6Page - ATMEL Corporation TSS463B Datasheet HTML 7Page - ATMEL Corporation TSS463B Datasheet HTML 8Page - ATMEL Corporation TSS463B Datasheet HTML 9Page - ATMEL Corporation TSS463B Datasheet HTML 10Page - ATMEL Corporation TSS463B Datasheet HTML 11Page - ATMEL Corporation TSS463B Datasheet HTML 12Page - ATMEL Corporation TSS463B Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
TSS463B
4102E–AUTO–12/04
The master device provides the serial clock on the TxD pin and is still connected to
SCLK pin of the slave device.
Then, the RxD replaces the MOSI and MISO pins and is a bidirectional pin. To achieve
a correct communication, the user should add a few gates to connect the master RxD
pin to the MOSI-MISO slave pins.
Figure 5 proposes two 3-state buffers controlled by the master through a general pur-
pose I/O pin.
It is obvious that, in this Intel SPI mode, the master cannot monitor the ’0xAA and
0x55’synchronization bytes while sending the address and control bytes. It is the only
exception of this mode compared with the Motorola SPI mode.
SCI Mode
The SCI mode is the third type of interface. The TSS463B enters this mode if the Initial-
ization Sequence contains (first two bytes received) ’0x00, 0xFF’.
The SCI is compatible with a 9-bits SCI protocol. The interface is implemented for slave-
mode only (the TSS463B cannot generate SCI frames by itself).
The SCI interface allows an interconnection of several CPUs and peripherals on the
same printed circuit board.
The SCI mode interface consists of 4 pins: separate wires are required for data and
clock, so the clock is not included in the data stream as shown in Figure 7. One pin is
needed for the serial clock (SCLK), two pins for data exchange MOSI and MISO and
one pin for Slave Select (SS).
Figure 6. SCI Data Stream
SCLK: Serial Clock
The master device provides the serial clock for the slave devices. Data is transferred
synchronously with this clock in both directions. The master and the slave devices
exchange a data byte during a nine clock pulses sequence. However, the TSS463B will
only monitor 8 bits on its MOSI line and send 9 bits on its MISO line.
MOSI: Master Out Slave In
The MOSI pin is the master device data output (CPU) and the slave device data input
(TSS463B). Data is transferred serially from the master to the slave on this line; least
significant bit (LSB) first, most significant bit (MSB) last. The TSS463B will only monitor
8 bits starting from the LSB to MSB-1.
MISO: Master In Slave Out
The MISO pin is configured as the slave device data output (TSS463B) and as master
device data input (CPU). When the slave device is not selected (SS = 1), this pin is in
high impedance state. The value of the MSB (9
th bit) sent on the MISO pin will always be
’1’and should not be used by the master.
SS: Slave Select
The SS pin is the slave chip select. It is low active. A low state on the Slave Select input
allows the TSS463B to accept data on the MOSI pin and send data on the MISO pin.
MOSI
MISO
0x55
SS
SCLK
SCI 9 Pulses
0x66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com