Electronic Components Datasheet Search
  English  ▼

X  

TSS463B Datasheet(PDF) 24 Page - ATMEL Corporation

Part # TSS463B
Description  VAN Data Link Controller with Serial Interface
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSS463B Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button TSS463B Datasheet HTML 20Page - ATMEL Corporation TSS463B Datasheet HTML 21Page - ATMEL Corporation TSS463B Datasheet HTML 22Page - ATMEL Corporation TSS463B Datasheet HTML 23Page - ATMEL Corporation TSS463B Datasheet HTML 24Page - ATMEL Corporation TSS463B Datasheet HTML 25Page - ATMEL Corporation TSS463B Datasheet HTML 26Page - ATMEL Corporation TSS463B Datasheet HTML 27Page - ATMEL Corporation TSS463B Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
24
TSS463B
4102E–AUTO–12/04
•
Transmission diagnosis
The transmission compares RxD1 and RxD2 inputs (through the input comparators
and the filters) with the data transmitted on TxD output.
At a time when the transmission logic generates a dominant - recessive transition,
the inputs can give different values. Taking into account the filtering delay, the bus
line seen as dominant is assumed to be correct, the other one, recessive, is
considered faulty. The diagnosis mode is changed to reflect that.
•
Protocol fault
The protocol fault is detected by counting the number of consecutive dominant
timeslots.
If eight consecutive timeslots are dominant, the diagnosis mode will change to the
major error mode.
Generation of Internal
Signals
RI Signal (Return to Idle)
This signal is used to return to nominal mode in the three specified selection modes (see
“Diagnosis States” on page 22 and “Programming Modes” on page 25). The RI signal is
disabled in automatic selection mode.
The RI signal is a pulse generated when an EOF is detected. Thus, at the end of each
frame, regarding the diagnosis status bit Sa, Sb and Sc, the user can make its own
choice.
SDC Signal (Synchronous
Diagnosis Clock)
This time base is used by diagnosis system in automatic selection mode (see
Section “Programming Modes”, page 25) when no event is recorded on the bus.
The SDC is generated either by a special SDC divider connected to the timeslot clock,
or can be performed manually. The SDC clock period must be long compared to the
timeslot duration.
A typical SDC period should be greater than the maximum frame length appearing on
the VAN network.
TIP Signal (Transmission in
Progress)
This signal must be enabled to allow the transmission diagnosis (see Section “Transition
Analyses”, page 23).
The TIP turns on synchronously with the beginning of the transmission:
•
for asynchronous bus access, the beginning of SOF;
•
for synchronous bus access, the beginning of the identifier field; and
•
for a request of in frame reply, the RTR bit of the command field.
The TIP turns off synchronously with the end of the transmission:
•after EOF;
•
after a losing of arbitration or a code violation detection; and
•
for a requestor of in frame reply, when the arbitration is lost on RTR the bit.
This signal is not generated when the transmission logic only sends an ACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com