Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 26Page - Texas Instruments TMS320VC5504 Datasheet HTML 27Page - Texas Instruments TMS320VC5504 Datasheet HTML 28Page - Texas Instruments TMS320VC5504 Datasheet HTML 29Page - Texas Instruments TMS320VC5504 Datasheet HTML 30Page - Texas Instruments TMS320VC5504 Datasheet HTML 31Page - Texas Instruments TMS320VC5504 Datasheet HTML 32Page - Texas Instruments TMS320VC5504 Datasheet HTML 33Page - Texas Instruments TMS320VC5504 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 3-12. UART Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
UART
This pin is multiplexed between UART, GPIO, and I2S3.
UART_RXD/
IPD
When used by UART, it is the receive data input UART_RXD.
GP[30]/
N13
I/O/Z
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_RX
enabled or disabled via the PDINHIBR3 register.
This pin is multiplexed between UART, GPIO, and I2S3.
UART_TXD/
IPD
In UART mode, it is the transmit data output UART_TXD.
GP[31]/
P14
I/O/Z
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_DX
enabled or disabled via the PDINHIBR3 register.
This pin is multiplexed between UART, GPIO, and I2S3.
UART_CTS/
IPD
In UART mode, it is the clear to send input UART_CTS.
GP[29]/
P13
I/O/Z
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_FS
enabled or disabled via the PDINHIBR3 register.
This pin is multiplexed between UART, GPIO, and I2S3.
UART_RTS/
IPD
In UART mode, it is the ready to send output UART_RTS.
GP[28]/
N12
I/O/Z
DVDDIO
Mux control via the PPMODE bits in the EBSR. The IPD resistor on this pin can be
I2S3_CLK
enabled or disabled via the PDINHIBR3 register.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
Table 3-13. USB2.0 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
USB 2.0
12-MHz crystal oscillator input.
USB_MXI
G13
I
USB_VDDOSC
When the USB peripheral is not used, USB_MXI should be connected to ground
(VSS).
12-MHz crystal oscillator output.
USB_MXO
G14
O
USB_VDDOSC
When the USB peripheral is not used, USB_MXO should be left unconnected.
3.3-V power supply for USB oscillator.
see
USB_VDDOSC
G12
S
Section 5.2,
When the USB peripheral is not used, USB_VDDOSC should be connected to ground
ROC
(VSS).
see
USB_VSSOSC
F11
S
Section 5.2,
Ground for USB oscillator.
ROC
see
USB power detect. 5-V input that signifies that VBUS is connected.
USB_VBUS
J12
A I/O
Section 5.2,
When the USB peripheral is not used, the USB_VBUS signal should be connected
ROC
to ground (VSS).
USB_DP
H14
A I/O
USB_VDDA3P3 USB bi-directional Data Differential signal pair [positive/negative].
When the USB peripheral is not used, the USB_DP and USB_DM signals should
USB_DM
J14
A I/O
USB_VDDA3P3
both be tied to ground (VSS).
External resistor connect. Reference current output. This must be connected via a
10-k
Ω ±1% resistor to USB_V
SSREF and be placed as close to the device as
possible.
USB_R1
G9
A I/O
USB_VDDA3P3
When the USB peripheral is not used, the USB_R1 signal should be connected via
a 10-k
Ω resistor to USB_V
SSREF.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 4.8.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
30
Device Overview
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com