Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 20Page - Texas Instruments TMS320VC5504 Datasheet HTML 21Page - Texas Instruments TMS320VC5504 Datasheet HTML 22Page - Texas Instruments TMS320VC5504 Datasheet HTML 23Page - Texas Instruments TMS320VC5504 Datasheet HTML 24Page - Texas Instruments TMS320VC5504 Datasheet HTML 25Page - Texas Instruments TMS320VC5504 Datasheet HTML 26Page - Texas Instruments TMS320VC5504 Datasheet HTML 27Page - Texas Instruments TMS320VC5504 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 128 page
background image
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Table 3-7. RESET, Interrupts, and JTAG Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
IEEE standard 1149.1 test clock. TCK is normally a free-running clock
signal with a 50% duty cycle. The changes on test access port (TAP) of
input signals TMS and TDI are clocked into the TAP controller,
instruction register, or selected test data register on the rising edge of
TCK. Changes at the TAP output signal (TDO) occur on the falling
IPU
edge of TCK.
TCK
M6
I
DVDDIO
If the emulation header is located greater than 6 inches from the
device, TCK must be buffered.
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register.
IEEE standard 1149.1 reset signal for test and emulation logic. TRST,
when high, gives the IEEE standard 1149.1 scan system control of the
operations of the device. If TRST is not connected or driven low, the
device operates in its functional mode, and the IEEE standard 1149.1
signals are ignored. The VC5504 will not operate properly if this reset
IPD
TRST
M9
I
pin is never asserted low.
DVDDIO
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
It is recommended that an external pulldown resistor be used in
addition to the IPD -- especially if there is a long trace to an emulation
header.
Emulator 1 pin. EMU1 is used as an interrupt to or from the emulator
system and is defined as input/output by way of the emulation logic.
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
IPU
An external pullup to DVDDIO is required to provide a signal rise time of
EMU1
M5
I/O/Z
DVDDIO
less than 10
µsec. A 4.7-kΩ resistor is suggested for most applications.
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register.
Emulator 0 pin. When TRST is driven low and then high, the state of
the EMU0 pin is latched and used to connect the JTAG pins (TCK,
TMS, TDI, TDO) to either the IEEE1149.1 Boundary-Scan TAP (when
the latched value of EMU0 = 0) or to the DSP Emulation TAP (when the
latched value of EMU0 = 1). Once TRST is high, EMU0 is used as an
interrupt to or from the emulator system and is defined as input/output
IPU
EMU0
L6
I/O/Z
by way of the emulation logic.
DVDDIO
An external pullup to DVDDIO is required to provide a signal rise time of
less than 10
µsec. A 4.7-kΩ resistor is suggested for most applications.
For board design guidelines related to the emulation header, see the
XDS560 Emulator Technical Reference (literature number: SPRU589).
The IPU resistor on this pin can be enabled or disabled via the
PDINHIBR2 register.
EXTERNAL INTERRRUPTS
IPU
External interrupt inputs (INT1 and INT0). These pins are maskable via
INT1
E7
I
DVDDIO
their specific Interrupt Mask Register (IMR1, IMR0) and the interrupt
mode bit. The pins can be polled and reset by their specific Interrupt
Flag Register (IFR1, IFR0).
IPU
INT0
C6
I
The IPU resistor on these pins can be enabled or disabled via the
DVDDIO
PDINHIBR2 register.
Device Overview
24
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com