Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5504 Datasheet(PDF) 62 Page - Texas Instruments

Part # TMS320VC5504
Description  Fixed-Point Digital Signal Processor
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5504 Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMS320VC5504 Datasheet HTML 58Page - Texas Instruments TMS320VC5504 Datasheet HTML 59Page - Texas Instruments TMS320VC5504 Datasheet HTML 60Page - Texas Instruments TMS320VC5504 Datasheet HTML 61Page - Texas Instruments TMS320VC5504 Datasheet HTML 62Page - Texas Instruments TMS320VC5504 Datasheet HTML 63Page - Texas Instruments TMS320VC5504 Datasheet HTML 64Page - Texas Instruments TMS320VC5504 Datasheet HTML 65Page - Texas Instruments TMS320VC5504 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 128 page
background image
6
Peripheral Information and Electrical Specifications
6.1 Parameter Information
TransmissionLine
4.0pF
1.85pF
Z0=50
(seeNote)
TesterPinElectronics
DataSheetTimingReferencePoint
Output
Under
Test
NOTE: The data sheet provides timing at the device pin. For output timing analysis, the tester pin electronics and its transmission line effects must be
taken into account. A transmission line with a delay of 2 ns can be used to produce the desired transmission line effect. The transmission line is
intended as a load only. It is not necessary to add or subtract the transmission line delay (2 ns) from the data sheet timings.
Input requirements in this data sheet are tested with an input slew rate of < 4 Volts per nanosecond (4 V/ns) at the device pin.
42
3.5nH
DevicePin
(seeNote)
6.1.1
1.8-V, 2.5-V, 2.8-V, and 3.3-V Signal Transition Levels
V
=V
MAX(orV
MAX)
ref
IL
OL
V
=V
MIN(orV
MIN)
ref
IH
OH
6.1.2
3.3-V Signal Transition Rates
6.1.3
Timing Parameters and Board Routing Analysis
6.2 Recommended Clock and Control Signal Transition Behavior
TMS320VC5504
Fixed-Point Digital Signal Processor
SPRS609A – JUNE 2009 – REVISED JULY 2009
www.ti.com
Figure 6-1. 3.3-V Test Load Circuit for AC Timing Measurements
The load capacitance value stated is only for characterization and measurement of AC timing signals. This
load capacitance value does not indicate the maximum load the device is capable of driving.
All rise and fall transition timing parameters are referenced to VIL MAX and VIH MIN for input clocks, VOL
MAX and VOH MIN for output clocks.
Figure 6-2. Rise and Fall Transition Time Voltage Reference Levels
All timings are tested with an input edge rate of 4 volts per nanosecond (4 V/ns).
The timing parameter values specified in this data manual do not include delays by board routings. As a
good board design practice, such delays must always be taken into account. Timing values may be
adjusted by increasing/decreasing such delays. TI recommends utilizing the available I/O buffer
information specification (IBIS) models to analyze the timing characteristics correctly. To properly use IBIS
models to attain accurate timing analysis for a given system, see the Using IBIS Models for Timing
Analysis application report (literature number SPRA839). If needed, external logic hardware such as
buffers may be used to compensate any timing differences.
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.
Peripheral Information and Electrical Specifications
62
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com